Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 8Page - SMSC Corporation USB3300 Datasheet HTML 9Page - SMSC Corporation USB3300 Datasheet HTML 10Page - SMSC Corporation USB3300 Datasheet HTML 11Page - SMSC Corporation USB3300 Datasheet HTML 12Page - SMSC Corporation USB3300 Datasheet HTML 13Page - SMSC Corporation USB3300 Datasheet HTML 14Page - SMSC Corporation USB3300 Datasheet HTML 15Page - SMSC Corporation USB3300 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
12
SMSC USB3300
DATASHEET
16
VDD3.3
Power
N/A
A 0.1uF bypass capacitor should be connected
between this pin and the ground plane on the PCB.
17
DATA[7]
I/O,
CMOS,
Pull-low
N/A
8-bit bi-directional data bus. Bus ownership is
determined by DIR. The Link and PHY initiate data
transfers by driving a non-zero pattern onto the data
bus. ULPI defines interface timing for a single-edge
data transfers with respect to rising edge of
CLKOUT. DATA[7] is the MSB and DATA[0] is the
LSB.
18
DATA[6]
I/O,
CMOS,
Pull-low
N/A
19
DATA[5]
I/O,
CMOS,
Pull-low
N/A
20
DATA[4]
I/O,
CMOS,
Pull-low
N/A
21
DATA[3]
I/O,
CMOS,
Pull-low
N/A
22
DATA[2]
I/O,
CMOS,
Pull-low
N/A
23
DATA[1]
I/O,
CMOS,
Pull-low
N/A
24
DATA[0]
I/O,
CMOS,
Pull-low
N/A
25
VDD3.3
Power
N/A
A 0.1uF bypass capacitor should be connected
between this pin and the ground plane on the PCB.
26
VDD1.8
Power
N/A
1.8V for digital circuitry on chip. Supplied by On-Chip
Regulator when REG_EN is active. When using the
internal regulators, place a 4.7uF low-ESR capacitor
near this pin and connect the capacitor from this pin
to ground. Connect pin 26 to pin 15. Do not connect
VDD1.8 to VDDA1.8 when using internal regulators.
When the regulators are disabled, pin 29 may be
connected to pins 26 and 15.
27
XO
Output,
Analog
N/A
Crystal pin. If using an external clock on XI this pin
should be floated.
28
XI
Input,
Analog
N/A
Crystal pin. A 24MHz crystal is supported. The
crystal is placed across XI and XO. An external
24MHz clock source may be driven into XI in place
of a crystal.
29
VDDA1.8
Power
N/A
1.8V for analog circuitry on chip. Supplied by On-
Chip Regulator when REG_EN is active. Place a
0.1uF capacitor near this pin and connect the
capacitor from this pin to ground. When using the
internal regulators, place a 4.7uF low-ESR capacitor
near this pin in parallel with the 0.1uF capacitor. Do
not connect VDD1.8A to VDD1.8 when using internal
regulators. When the regulators are disabled, pin 29
may be connected to pins 26 and 15.
Table 3.1 USB3300 Pin Definitions 32-Pin QFN Package (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com