Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 51 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 47Page - SMSC Corporation USB3300 Datasheet HTML 48Page - SMSC Corporation USB3300 Datasheet HTML 49Page - SMSC Corporation USB3300 Datasheet HTML 50Page - SMSC Corporation USB3300 Datasheet HTML 51Page - SMSC Corporation USB3300 Datasheet HTML 52Page - SMSC Corporation USB3300 Datasheet HTML 53Page - SMSC Corporation USB3300 Datasheet HTML 54Page - SMSC Corporation USB3300 Datasheet HTML 55Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
51
Revision 1.08 (11-07-07)
DATASHEET
7.4.1
Human Body Model (HBM) Performance
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and
manufacturing, and is done without power applied to the IC. To pass the test, the device must have
no change in operation or performance due to the event. All pins on the USB3300 provide ±8kV HBM
protection.
7.4.2
IEC61000-4-2 Performance
The IEC61000-4-2 ESD specification is an international standard that addresses system-level immunity
to ESD strikes while the end equipment is operational. In contrast, the HBM ESD tests are performed
at the device level with the device powered down.
SMSC contracts with independent laboratories to test the USB3300 to IEC61000-4-2 in a working
system. Reports are available upon request. Please contact your SMSC representative, and request
information on 3rd party ESD test results. The reports show that systems designed with the USB3300
can safely dissipate ±15kV air discharges and ±8kV contact discharges per the IEC61000-4-2
specification without additional board level protection.
Both air discharge and contact discharge test techniques for applying stress conditions are defined by
the IEC61000-4-2 ESD document.
7.4.2.1
Air Discharge
To perform this test, a charged electrode is moved close to the system being tested until a spark is
generated. This test is difficult to reproduce because the discharge is influenced by such factors as
humidity, the speed of approach of the electrode, and construction of the test equipment.
7.4.2.2
Contact Discharge
The uncharged electrode first contacts the pin to prepare this test, and then the probe tip is energized.
This yields more repeatable results, and is the preferred test method. The independent test laboratories
contracted by SMSC provide test results for both types of discharge methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com