Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 10Page - SMSC Corporation USB3300 Datasheet HTML 11Page - SMSC Corporation USB3300 Datasheet HTML 12Page - SMSC Corporation USB3300 Datasheet HTML 13Page - SMSC Corporation USB3300 Datasheet HTML 14Page - SMSC Corporation USB3300 Datasheet HTML 15Page - SMSC Corporation USB3300 Datasheet HTML 16Page - SMSC Corporation USB3300 Datasheet HTML 17Page - SMSC Corporation USB3300 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
14
SMSC USB3300
DATASHEET
Chapter 4 Operational Description
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
Table 4.1 Maximum Guaranteed Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum VBUS, ID,
EXTVBUS, DP, and DM
voltage to GND
VMAX_5V
-0.5
+5.5
V
Maximum VDD1.8 and
VDDA1.8 voltage to
Ground
VMAX_1.8V
-0.5
2.5
V
Maximum 3.3V supply
voltage to Ground
VMAX_3.3V
-0.5
4.0
V
Maximum I/O voltage to
Ground
VMAX_IN
-0.5
4.0
V
Operating Temperature
TMAX_OP
-40
85
°C
Storage Temperature
TMAX_STG
-55
150
°C
ESD PERFORMANCE
All Pins
VHBM
Human Body Model
±8
kV
LATCH-UP PERFORMANCE
All Pins
ILTCH_UP
EIA/JESD 78, Class II
150
mA
Table 4.2 Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3 to GND
VDD3.3
3.0
3.3
3.6
V
Input Voltage on Digital
Pins
VI
0.0
VDD3.3
V
Voltage on Analog I/O
Pins (DP, DM, ID)
VI(I/O)
0.0
VDD3.3
V
VBUS to GND
VVBUS
0.0
5.25
Ambient Temperature
TA
-40
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com