Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 43Page - SMSC Corporation USB3300 Datasheet HTML 44Page - SMSC Corporation USB3300 Datasheet HTML 45Page - SMSC Corporation USB3300 Datasheet HTML 46Page - SMSC Corporation USB3300 Datasheet HTML 47Page - SMSC Corporation USB3300 Datasheet HTML 48Page - SMSC Corporation USB3300 Datasheet HTML 49Page - SMSC Corporation USB3300 Datasheet HTML 50Page - SMSC Corporation USB3300 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
47
Revision 1.08 (11-07-07)
DATASHEET
7.1
Application Diagrams
Figure 7.1 USB3300 Application Diagram (Peripheral)
Link Controller
USB3300
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
VDD3.3
VDD3.3
VBUS
DM
DP
ID
RESET
USB
Receptacle
DM
DP
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
7
8
32
GNDFLAG
2
3
VBUS
1
SHIELD
GND
16
6
4
5
CBYP
CVBUS
3.3V
Supply
RVBUSmay be installed in this
configuration to assist in protecting
the VBUS pin. 820 Ohms will protect
against VBUS transients up to 8.5V.
10K Ohms will protect against
transients up to 10V.
VDDA1.8
29
CDC_BLOCK
12.0k
1%
Steady state voltage at the VBUS pin must
not be allowed to exceed VVBUS.
RVBUS
NC
17
18
19
20
21
22
23
24
13
11
12
14
9
COUT
XI
28
CPEN
3
NC
XO
27
1M
Ω
CLOAD
CLOAD
REG_EN
VDD3.3
30
31
VDD1.8
26
12
VDD1.8
15
COUT
VDD3.3
25
EXTVBUS
10
NC
The capacitor CVBUS
must be installed on
this side of RVBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com