Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 47Page - SMSC Corporation USB3300 Datasheet HTML 48Page - SMSC Corporation USB3300 Datasheet HTML 49Page - SMSC Corporation USB3300 Datasheet HTML 50Page - SMSC Corporation USB3300 Datasheet HTML 51Page - SMSC Corporation USB3300 Datasheet HTML 52Page - SMSC Corporation USB3300 Datasheet HTML 53Page - SMSC Corporation USB3300 Datasheet HTML 54Page - SMSC Corporation USB3300 Datasheet HTML 55Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
52
SMSC USB3300
DATASHEET
Chapter 8 Package Outline
The USB3300 is offered in a compact 32 pin lead-free QFN package.
Notes:
1. Controlling Unit: millimeter.
2. Dimension b applies to plated terminals and is measured between 0.15mm and 0.30mm from the
terminal tip. Tolerance on the true position of the leads is ± 0.05 mm at maximum material
conditions (MMC).
3. Details of terminal #1 identifier are optional but must be located within the zone indicated.
4. Coplanarity zone applies to exposed pad and terminals.
Figure 8.1 USB3300-EZK 32 Pin QFN Package Outline, 5 x 5 x 0.9 mm Body (Lead-Free)
Table 8.1 32 Terminal QFN Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
0.70
~
1.00
Overall Package Height
A1
0
0.02
0.05
Standoff
A2
~
~
0.90
Mold Thickness
A3
0.20 REF
Copper Lead-frame Substrate
D
4.85
5.0
5.15
X Overall Size
D1
4.55
~
4.95
X Mold Cap Size
D2
3.15
3.3
3.45
X exposed Pad Size
E
4.85
5.0
5.15
Y Overall Size
E1
4.55
~
4.95
Y Mold Cap Size
E2
3.15
3.3
3.45
Y exposed Pad Size
L
0.30
~
0.50
Terminal Length
e
0.50 BSC
Terminal Pitch
b
0.18
0.25
0.30
Terminal Width
ccc
~
~
0.08
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com