Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB3300 Datasheet HTML 12Page - SMSC Corporation USB3300 Datasheet HTML 13Page - SMSC Corporation USB3300 Datasheet HTML 14Page - SMSC Corporation USB3300 Datasheet HTML 15Page - SMSC Corporation USB3300 Datasheet HTML 16Page - SMSC Corporation USB3300 Datasheet HTML 17Page - SMSC Corporation USB3300 Datasheet HTML 18Page - SMSC Corporation USB3300 Datasheet HTML 19Page - SMSC Corporation USB3300 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
16
SMSC USB3300
DATASHEET
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
Table 5.3 DC Electrical Characteristics: Logic Pins
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3
- 0.4
V
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF
Table 5.4 DC Electrical Characteristics: Analog I/O Pins (DP/DM)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD3.3
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM;
RL = 15kΩ to GND
2.8
3.6
V
Termination
Driver Output Impedance for
HS and FS
ZHSDRV
Steady state drive
40.5
45
49.5
Ù
Input Impedance
ZINP
TX, RPU disabled
1.0
MΩ
Pull-up Resistor Impedance
ZPU
Bus Idle
0.900
1.24
1.575
kΩ
Pull-up Resistor Impedance
ZPURX
Device Receiving
1.425
2.26
3.09
kΩ
Pull-dn Resistor Impedance
ZPD
14.25
15.0
15.75
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com