Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86933 Datasheet HTML 1Page - Monolithic Power Systems MP86933 Datasheet HTML 2Page - Monolithic Power Systems MP86933 Datasheet HTML 3Page - Monolithic Power Systems MP86933 Datasheet HTML 4Page - Monolithic Power Systems MP86933 Datasheet HTML 5Page - Monolithic Power Systems MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
3
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .................................... 18V
VSW (DC) ..............................-0.3V to VIN + 0.3V
VSW (25ns)..........................................-3V to 25V
VIN - VSW (10ns) ................................-5V to 32V
VBST - VSW (25ns)............................................ 5V
VBST ...................................................... VSW + 4V
All other pins ...................................-0.3V to +4V
Instantaneous current .................................. 25A
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
Recommended Operating Conditions
(2)
Supply voltage (VIN) ........................ 4.5V to 16V
Driver voltage (VCC)....................... 3.0V to 3.6V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(3) θJB θJC_TOP
TQFN-13 (3mmx3mm) ....... 5.2 ...... 42.9... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its operating
conditions.
3)
θ
JB is the thermal resistance from the junction to the board
around the PGND soldering point.
θ
JC_TOP is the thermal resistance from junction to the top of the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com