Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP86933 Datasheet HTML 1Page - Monolithic Power Systems MP86933 Datasheet HTML 2Page - Monolithic Power Systems MP86933 Datasheet HTML 3Page - Monolithic Power Systems MP86933 Datasheet HTML 4Page - Monolithic Power Systems MP86933 Datasheet HTML 5Page - Monolithic Power Systems MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
4
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCC = 3.3V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under voltage lockout
threshold rising
4.1
4.5
V
VIN under voltage lockout
threshold hysteresis
380
mV
VIN quiescent current in standby
mode
IIN Stby
PWM = Hi-Z, SYNC = Hi-Z,
VIN = 4.5V to 22V
1
μA
VCC quiescent current in active
mode
ICC Quiescent
PWM = low, no switching,
SYNC = high or low
3
mA
VCC quiescent current in
standby mode
ICC Stby
SYNC = Hi-Z
30
μA
VCC voltage UVLO rising
2.5
2.7
2.9
V
VCC voltage UVLO hysteresis
200
mV
High-side current limit
ILIM_FLT
25
A
High-side current limit shutdown
counter (4)
4
Times
Low-side current limit (4)
-5
A
Low-side off time in negative
current limit (4)
40
ns
Dead-time rising (4)
3
ns
Dead-time falling(4)
Positive inductor current
8
ns
Negative inductor current
40
ns
SYNC logic high voltage
2.40
V
SYNC tri-state region
1.3
1.7
V
SYNC logic low voltage
0.70
V
PWM high to SW rising delay (4)
tRising
20
ns
PWM low to SW falling delay (4)
tFalling
20
ns
PWM tri-state to SW Hi-Z delay
(54)
tLo-HiZ
50
ns
tHiZ-Lo
50
ns
tHiZ-Hi
50
ns
Minimum SW pulse width (4)
30
ns
Current sense gain accuracy
5
A ≤ ISW ≤ 15A
-3
0
3
%
Current sense gain
10
μA/A
Current sense offset
IOUT = 0A
-5
0
5
μA
SW Hi-Z
-2
0
2
μA
Current sense common mode
voltage range
VCS_COM
0.8
2.0
V
Temperature sense gain (4)
10
mV/°C
Temperature sense offset (4)
-100
mV
Temperature sense voltage
range (4)
T = 150°C
1.4
V
T = 100°C
0.90
V
T = 25°C
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com