Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP86933 Datasheet HTML 4Page - Monolithic Power Systems MP86933 Datasheet HTML 5Page - Monolithic Power Systems MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems MP86933 Datasheet HTML 10Page - Monolithic Power Systems MP86933 Datasheet HTML 11Page - Monolithic Power Systems MP86933 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
8
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 6
VIN
Supply voltage. Place a capacitor (CIN) close to the device to support the switching
current reducing voltage spikes at the input.
2, 3
SW
Switch output.
4, 5
PGND
Power ground. Place multiple vias on the inner solid ground layers to minimize
parasitic impedance and thermal resistance.
7
PWM
Pulse-width modulation input. Leave PWM floating or drive PWM to middle-state to
enable diode emulation mode.
8
SYNC
Diode emulation mode and standby mode selection. Leave SYNC floating or drive
SYNC to middle-state to enter standby mode. Pull SYNC high for normal operation.
Pull SYNC low to enable diode emulation mode.
9
VTEMP/FLT Single pin temperature sense and fault reporting.
10
CS
Current sense output.
11
AGND
Analog ground. Connect AGND to the PGND plane at the VCC decoupling capacitor.
12
VCC
3.3V supply input for internal circuitry and gate driver. Decouple VCC with a
ceramic capacitor (1µF or higher) to AGND.
13
BST
Bootstrap. BST requires
a 0.1µF to 1µF capacitor to drive the power switch’s gate
above the supply voltage. Connect the capacitor between SW and BST to form a
floating supply across the power switch driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com