Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems MP86933 Datasheet HTML 10Page - Monolithic Power Systems MP86933 Datasheet HTML 11Page - Monolithic Power Systems MP86933 Datasheet HTML 12Page - Monolithic Power Systems MP86933 Datasheet HTML 13Page - Monolithic Power Systems MP86933 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
10
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP86933 is a 12A, monolithic, half-bridge
driver with MOSFETs ideally suited for multi-
phase buck regulators.
Operation begins when VIN, VCC, and VBST
signals are sufficiently high.
Pulse-Width Modulation (PWM)
The PWM input pin is capable of tri-state input.
When the PWM input signal is within the tri-state
threshold window for 50ns, typically (THT or TLT),
the high-side MOSFET (HS-FET) is turned off
immediately, and the low-side MOSFET (LS-
FET) is in diode emulation mode, which is on
until zero-current detection. The tri-state PWM
input can be from a forced middle voltage PWM
signal or made by floating the PWM input, and
the internal current source charges the signal to
a middle voltage. Please refer to the PWM timing
diagram for the propagation delay definition from
PWM to the SW node.
Standby Mode
When SYNC is floating or forced to a middle-
state voltage for 2µs, the MP86933 enters
standby mode. In standby mode, the part shuts
down, and both the CS and VTEMP/FLT outputs
are disabled. The fault latch cannot be reset by
entering standby mode.
Diode Emulation Mode
In diode emulation mode, when PWM is either
low or in a tri-state input, the LS-FET is turned
on whenever the inductor current is positive. The
LS-FET is off if the inductor current crosses the
zero current. Diode emulation mode can be
enabled by pulling SYNC low, driving PWM to
middle state, or floating PWM.
Positive and Negative Inductor Current Limit
When HS-FET over-current is detected for four
consecutive cycles, the HS-FET latches off,
VTEMP/FLT is pulled to 3.3V, and the LS-FET
turns on until zero-current detection. Recycle
VIN/VCC or toggle EN to release the latch and
restart the device.
When the LS-FET detects a -5A current, the
MP86933 turns off the LS-FET for 40ns to limit
the negative current. The LS-
FET’s negative
current limit will not trigger a fault report.
Over-Temperature Protection (OTP)
When the junction temperature reaches the
over-temperature threshold, the HS-FET latches
off, VTEMP/FLT is pulled to 3.3V, and the LS-
FET turns on until zero-current detection.
Temperature
Sense
Output
with
Fault
Indicator (VTEMP/FLT)
VTEMP/FLT is a pin with dual functions.
1) Junction Temperature Sense: VTEMP/FLT is
a voltage output proportional to the junction
temperature whenever VCC is higher than its
UVLO and is in active mode. The gain is
10mV/°C with a -100mV offset at 25°C (i.e.:
0V @ TJ < 10°C, 0.15V @ TJ = 25°C and
0.9V @ TJ = 100°C).
2) Fault Function: When any fault occurs,
VTEMP/FLT is pulled to 3.3V, typically (3.0V
minimum) regardless of the temperature to
report the fault event. VTEMP/FLT monitors
three fault events.
i. Over-Current Limit: To trip the over-
current fault, the current limit must be
exceeded four consecutive times. Once
the fault occurs, the MP86933 latches off
to turn the HS-FET off. The LS-FET is
turned off when the inductor current
reaches zero.
ii. Over-Temperature Fault at TJ > 160°C:
Once the fault occurs, the MP86933
latches off to turn the HS-FET off. The
LS-FET is turned off when the inductor
current reaches zero.
iii. SW to PGND Short: Once the fault
occurs, the MP86933 latches off to turn
the HS-FET off.
The fault latch cannot be reset by entering
standby mode. The fault latch can be
released by recycling either VIN or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com