Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems MP86933 Datasheet HTML 10Page - Monolithic Power Systems MP86933 Datasheet HTML 11Page - Monolithic Power Systems MP86933 Datasheet HTML 12Page - Monolithic Power Systems MP86933 Datasheet HTML 13Page - Monolithic Power Systems MP86933 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP86933
– 16V, INTELLI-PHASE SOLUTION IN TQFN 3X3 PACKAGE
MP86933 Rev.1.2
www.MonolithicPower.com
11
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Current Sense Output (CS)
CS is a bidirectional current source proportional
to the inductor current. The current sensing gain
is 10μA/A. A resistor is used to program the
voltage gain proportional to the inductor current
if needed.
The CS output has two states (see Table 1). In
standby mode, the CS circuit is disabled and
needs 20µs to wake up and enter active mode if
needed.
Table 1: CS Output States
PWM
SYNC
CS
PWM
High
Active
PWM
High
Active
PWM
Low
Active
x
Hi-Z (or middle)
Standby
The CS voltage range of 0.7V to 2.1V is required
to obtain an accurate CS current output up to
+500μA/-200μA (i.e.: +50A/-12A). Generally,
there is a resistor (RCS) connected from CS to an
external voltage which is capable of sinking
small currents to provide enough of a voltage
level to meet the required operating voltage
range.
Figure 2 shows the typical circuit diagram of the
CS connection to achieve a differential voltage
source reflected in the inductor current.
VCS
SW
PWM
Intelli-Phase
PWM
IL
Vin
VIN
GND
CS
RCS
VCM
ICS
Figure 2: Typical Circuit Diagram for CS
Connection
To keep VCS within the operating range, design
RCS with Equation (1) and Equation (2):
V
V
R
I
V
CM
CS
CS
1
.
2
7
.
0
(1)
CS
L
CS
I
I
G

(2)
Where VCM is the reference voltage connected to
RCS.
VCM can be from a voltage divider from 3.3V (i.e.:
VCC) (see Figure 3).
Make RCS much larger than R1 parallel to R2 to
minimize VCM variation over ICS.
VCM
VCC
R1
R2
VCS
SW
PWM
Intelli-Phase
PWM
Vin
VIN
GND
CS
RCS
ICS
L
DCR
VOUT
COUT
IL
Figure 3: Use VCC to Generate VCM for CS Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com