Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86933 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP86933
Description  16V, Intelli-Phase Solution in a TQFN 3x3 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86933 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP86933 Datasheet HTML 1Page - Monolithic Power Systems MP86933 Datasheet HTML 2Page - Monolithic Power Systems MP86933 Datasheet HTML 3Page - Monolithic Power Systems MP86933 Datasheet HTML 4Page - Monolithic Power Systems MP86933 Datasheet HTML 5Page - Monolithic Power Systems MP86933 Datasheet HTML 6Page - Monolithic Power Systems MP86933 Datasheet HTML 7Page - Monolithic Power Systems MP86933 Datasheet HTML 8Page - Monolithic Power Systems MP86933 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP86933
16V, Intelli-Phase Solution
in a TQFN 3x3 Package
MP86933 Rev.1.2
www.MonolithicPower.com
1
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP86933 is a monolithic, half-bridge driver
with built-in, internal power MOSFETs and gate
drivers.
The
MP86933
achieves
12A
of
continuous output current over a wide input
supply range and can operate from 100kHz to
2MHz.
The integration of a driver and MOSFETs results
in high efficiency due to an optimal dead time
and parasitic inductance reduction.
The
MP86933
works
with
tri-state
output
controllers and comes with a general-purpose
current sense and temperature sense.
The MP86933 is ideal for server and telecom
applications where efficiency and small size are
a premium. The MP86933 is available in a small
FC-TQFN-13 (3mmx3mm) package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 Compliant with Intel DrMOS V4.0 Spec
 12A Output Current
 Accepts Tri-State PWM Signal
 Built-In Switch for Bootstrap
 Current Sense
 Temperature Sense
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting: Over-Current and Over-
Temperature
 Used for Multi-Phase Operation
 Available in a TQFN-13 (3mmx3mm)
Package
APPLICATIONS
 Server and Telecom Voltage Regulators
 Graphic Card Core Regulators
 Power Modules
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VCC
AGND


Similar Part No. - MP86933

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86934GLT MPS-MP86934GLT Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
MP86936GRJT MPSIND-MP86936GRJT Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results

Similar Description - MP86933

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
ON Semiconductor
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Monolithic Power System...
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com