Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBT Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 24Page - Texas Instruments TAS3103ADBT Datasheet HTML 25Page - Texas Instruments TAS3103ADBT Datasheet HTML 26Page - Texas Instruments TAS3103ADBT Datasheet HTML 27Page - Texas Instruments TAS3103ADBT Datasheet HTML 28Page - Texas Instruments TAS3103ADBT Datasheet HTML 29Page - Texas Instruments TAS3103ADBT Datasheet HTML 30Page - Texas Instruments TAS3103ADBT Datasheet HTML 31Page - Texas Instruments TAS3103ADBT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 154 page
background image
1−21
Subaddress—Bass and Treble Shelf Filter Parameters
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000xxx
00000000
0xF5
CH3
Ack
00000xxx
CH2
Ack
00000xxx
CH1
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000xxx
00000000
0xF7
CH3
Ack
00000xxx
CH2
Ack
00000xxx
CH1
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
xxxxxxxx
00000000
0xF6
Ack
xxxxxxxx
Ack
xxxxxxxx
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
xxxxxxxx
00000000
0xF8
Ack
xxxxxxxx
Ack
xxxxxxxx
CH1
Treble Shelf Selection (Filter Index)
CH2
CH3
CH1
CH2
CH3
Bass Shelf Selection (Filter Index)
Treble Filter Set Selection
Bass Filter Set Selection
BASS
FILTER 5
BASS
FILTER 4
BASS
FILTER 3
BASS
FILTER 2
BASS
FILTER 1
TREBLE
FILTER 5
TREBLE
FILTER 3
TREBLE
FILTER 1
TREBLE
FILTER 4
TREBLE
FILTER 2
MID-BAND
MAX BOOST
SHELF
MAX CUT
SHELF
Treble and Bass Filter Set Commands
0 => No Change
1 − 5 => Filter Sets 1 − 5
6 − 7 => Illegal (Behavior Indeterminate)
Treble and Bass Filter Shelf Commands
0 =>
Illegal (Behavior Indeterminate)
1 − 150 => Filter Shelves 1 − 150
1
=> +18-dB Boost
150 => −18-dB Cut
151 − 255 => Illegal (Behavior Indeterminate)
FREQUENCY
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000000
00000000
0xF1
Ack
0000000
Ack
xxxxxxxx
Treble/Bass Slew Rate = TBLC
(Slew Rate = TBLC/Fs,
Where Fs = Audio Sample Rate)
Treble/Bass Slew Rate Selection
V
S
C
0
7
3-dB CORNERS (kHz)
Fs
(LRCLK)
FILTER SET 5
FILTER SET 4
FILTER SET 3
FILTER SET 2
FILTER SET 1
(LRCLK)
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
96 kHz
0.25
6
0.5
12
0.75
18
1
24
1.5
36
88.4 kHz
0.23
5.525
0.46
11.05
0.691
16.575
0.921
22.1
1.381
33.15
64 kHz
0.167
4
0.333
8
0.5
12
0.667
16
1
24
48 kHz
0.125
3
0.25
6
0.375
9
0.5
12
0.75
18
44.1 kHz
0.115
2.756
0.23
5.513
0.345
8.269
0.459
11.025
0.689
16.538
32 kHz
0.083
2
0.167
4
0.25
6
0.333
8
0.5
12
24 kHz
0.063
1.5
0.125
3
0.188
4.5
0.25
6
0.375
9
22.05 kHz
0.057
1.378
0.115
2.756
0.172
4.134
0.23
5.513
0.345
8.269
16 kHz
0.042
1
0.083
2
0.125
3
0.167
4
0.25
6
12 kHz
0.031
0.75
0.063
1.5
0.094
2.25
0.125
3
0.188
4.5
11.025 kHz
0.029
0.689
0.057
1.378
0.086
2.067
0.115
2.756
0.172
4.134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com