Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBT Datasheet(PDF) 56 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 52Page - Texas Instruments TAS3103ADBT Datasheet HTML 53Page - Texas Instruments TAS3103ADBT Datasheet HTML 54Page - Texas Instruments TAS3103ADBT Datasheet HTML 55Page - Texas Instruments TAS3103ADBT Datasheet HTML 56Page - Texas Instruments TAS3103ADBT Datasheet HTML 57Page - Texas Instruments TAS3103ADBT Datasheet HTML 58Page - Texas Instruments TAS3103ADBT Datasheet HTML 59Page - Texas Instruments TAS3103ADBT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 154 page
background image
2−23
simply does not receive all the data. If the master device issues more data-received acknowledges than required to
receive the data for a given subaddress, the master device simply receives complete or partial sets of data, depending
on how many data-received acknowledges are issued from the subaddress(es) that follow.
I2C read transactions, both sequential and random, can impose wait states. For the standard I2C mode
(SCL = 100 kHz), typical wait state time for an 8-MHz microprocessor clock is on the order of 1
μs. For the fast I2C
mode (SCL = 400 kHz) and the same 8-MHz microprocessor clock, typical wait state times are extended up to 4
μs
in duration. Increasing the microprocessor clock frequency lowers the wait state times and for the standard I2C mode,
a higher microprocessor clock can totally eliminate the presence of wait states. For example, increasing the
microprocessor clock to 33 MHz results in no wait states for the standard (100-kHz) I2C mode. For the fast I2C mode,
higher microprocessor clocks shorten the wait state times encountered, but do not totally eliminate their presence.
2.4
Digital Audio Processor (DAP) Arithmetic Unit
The DAP arithmetic unit is a fixed-point computational engine consisting of an arithmetic unit and data and coefficient
memory blocks. Figure 2−18 is a block diagram of the arithmetic unit.
76-Bit Adder
Regs
Regs
Arithmetic
Engine
Dual-Port
Data RAM
Coefficient
RAM
4K
× 16
Delay Line
RAM
Program
ROM
DAP
Instruction Decoder/Sequencer
Digital Audio Processor
(DAP)
Arithmetic Unit
Figure 2−18. DAP Arithmetic Unit Block Diagram
The DAP arithmetic unit is used to implement all firmware functions—soft volume, loudness compensation, bass and
treble processing, dynamic range control, channel filtering, 3D effects, input and output mixing, spectrum analyzer,
VU meter, and dither.
Figure 2−19 shows the data word structure of the DAP arithmetic unit. Eight bits of overhead or guard bits are provided
at the upper end of the 48-bit DAP word and 8 bits of computational precision or noise bits are provided at the lower
end of the 48-bit word. The incoming digital audio words are all positioned with the most-significant bit abutting the
8-bit overhead/guard boundary. The sign bit in bit 39 indicates that all incoming audio samples are treated as signed
data samples.
CAUTION: Audio data into the TAS3103A is always treated as sign-extended 2s-complement data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com