Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBT Datasheet(PDF) 65 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 61Page - Texas Instruments TAS3103ADBT Datasheet HTML 62Page - Texas Instruments TAS3103ADBT Datasheet HTML 63Page - Texas Instruments TAS3103ADBT Datasheet HTML 64Page - Texas Instruments TAS3103ADBT Datasheet HTML 65Page - Texas Instruments TAS3103ADBT Datasheet HTML 66Page - Texas Instruments TAS3103ADBT Datasheet HTML 67Page - Texas Instruments TAS3103ADBT Datasheet HTML 68Page - Texas Instruments TAS3103ADBT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
3−2
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit number
(4-byte or 8-digit hexadecimal number) is shown in Figure 3−3.
u
Coefficient
Digit 8
u
u
u
S
x
x
x
Coefficient
Digit 7
x.
x
x
x
Coefficient
Digit 6
x
x
x
x
Coefficient
Digit 5
x
x
x
x
Coefficient
Digit 4
x
x
x
x
Coefficient
Digit 3
x
x
x
x
Coefficient
Digit 2
x
x
x
x
Coefficient
Digit 1
Fraction
Digit 5
Sign
Bit
0
Fraction
Digit 6
Fraction
Digit 4
Fraction
Digit 3
Fraction
Digit 2
Fraction
Digit 1
Integer
Digit 1
u = unused or don’t care bits
Digit = hexadecimal digit
Figure 3−3. Alignment of 5.23 Coefficient in 32-Bit I2C Word
As Figure 3−3 shows, the hexadecimal value of the integer part of the gain coefficient cannot be concatenated with
the hexadecimal value of the fractional part of the gain coefficient to form the 32-bit I2C coefficient. The reason is that
the 28-bit coefficient contains 5 bits of integer, and thus the integer part of the coefficient occupies all of one
hexadecimal digit and the most-significant bit of the second hexadecimal digit. In the same way, the fractional part
occupies the lower 3 bits of the second hexadecimal digit, and then occupies the other five hexadecimal digits (with
the eighth digit being the zero-valued most-significant hexadecimal digit).
3.1.2
48-Bit 25.23 Number Format
All level adjustment and threshold coefficients are 48-bit coefficients using a 25.23 number format. Numbers
formatted as 25.23 numbers means that there are 25 bits to the left of the decimal point and 23 bits to the right of the
decimal point. This is shown in Figure 3−4.
2−23 Bit
S_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
20 Bit
216 Bit
222 Bit
Sign Bit
223 Bit
2−1 Bit
2−10 Bit
Figure 3−4. 25.23 Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com