Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBT Datasheet(PDF) 100 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 100 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 96Page - Texas Instruments TAS3103ADBT Datasheet HTML 97Page - Texas Instruments TAS3103ADBT Datasheet HTML 98Page - Texas Instruments TAS3103ADBT Datasheet HTML 99Page - Texas Instruments TAS3103ADBT Datasheet HTML 100Page - Texas Instruments TAS3103ADBT Datasheet HTML 101Page - Texas Instruments TAS3103ADBT Datasheet HTML 102Page - Texas Instruments TAS3103ADBT Datasheet HTML 103Page - Texas Instruments TAS3103ADBT Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 154 page
background image
3−37
SAP
Input
Port
Resolution
1
6
B
i
t
1
8
B
i
t
2
0
B
i
t
2
4
B
i
t
3
2
B
i
t
48-Bit
DAP
Word
40
39
0
8
7
Headroom
1
6
B
i
t
1
8
B
i
t
2
0
B
i
t
2
4
B
i
t
3
2
B
i
t
48-Bit
DAP
Word
47
44
43
0
8
7
16
DRC
CH1
Processing
Resolution
Headroom
24
CH2
Processing
0-dB Gain
0-dB Gain
24
47
Figure 3−24. DRC Input Word Structure for 0-dB Channel Processing Gain
The resulting DRC transfer function for the above parameters is shown in Figure 3−25. The threshold T2 is set at the
DRC rms input level of −50 dB, which corresponds to a −26-dB rms signal level at the SAP input. The
DRC-compensated output at T2 is cut 30 dB with respect to the 1:1 transfer function (O2 = 30 dB). The threshold T1
is set at the DRC rms input level of −125 dB, which corresponds to a −101-dB rms signal level at the SAP input. The
DRC-compensated output at T1 is boosted by 7.5 dB with respect to the 1:1 transfer function (O1 = −7.5 dB).
For thresholds, TdB = –6.0206TINPUT = –6.0206TSUB_ADDRESS_ENTRY.
Therefore,
T2 = −26 dB −24 dB = −50 dB
≥ T2INPUT
= −50/−6.0206 = 8.30482
= 0 1000.0100 1110 0000 1000 1010 111
= 0x0000 0427 0457 in 25.23 format
T1 = −101 dB −24 dB = −125 dB
≥ T1INPUT = −125/−6.0206 = 20.76205
= 1 0100.1100 0011 0001 0101 1011 010
= 0x0000 0A61 8ADA in 25.23 format
For offsets, O
INPUT +
1
6.0206
O
dB )
24.0824 .
Therefore, O2
INPUT +
1
6.0206
[30
) 24.0824] + 8.982892
+ 0 1000.1111 1011 1001 1110 1100 111
+ 0x0000 047D CF67 in 25.23 format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com