Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBT Datasheet(PDF) 86 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 82Page - Texas Instruments TAS3103ADBT Datasheet HTML 83Page - Texas Instruments TAS3103ADBT Datasheet HTML 84Page - Texas Instruments TAS3103ADBT Datasheet HTML 85Page - Texas Instruments TAS3103ADBT Datasheet HTML 86Page - Texas Instruments TAS3103ADBT Datasheet HTML 87Page - Texas Instruments TAS3103ADBT Datasheet HTML 88Page - Texas Instruments TAS3103ADBT Datasheet HTML 89Page - Texas Instruments TAS3103ADBT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
3−23
Table 3−4. Volume Adjust Gain Coefficient (Continued)
GAIN (dB)
GAIN (FLOAT)
GAIN (COEFFICIENT)
GAIN (dB)
GAIN (FLOAT)
GAIN (COEFFICIENT)
−64
0.00063096
0000 14AC
−86
5.01188E−05
0000 01A4
−64.5
0.00059566
0000 1384
−86.5
4.73152E−05
0000 018C
−65
0.00056234
0000 126D
−87
4.46684E−05
0000 0176
−65.5
0.00053088
0000 1165
−87.5
4.21696E−05
0000 0161
−66
0.00050119
0000 106C
−88
3.98108E−05
0000 014D
−66.5
0.00047315
0000 0F81
−88.5
3.75838E−05
0000 013B
−67
0.00044668
0000 0EA3
−89
3.54814E−05
0000 0129
−67.5
0.00042170
0000 0DD1
−89.5
3.34966E−05
0000 0118
−68
0.00039811
0000 0D0B
−90
3.16228E−05
0000 0109
−68.5
0.00037584
0000 0C50
−90.5
2.98538E−05
0000 00FA
−69
0.00035481
0000 0BA0
−91
2.81838E−05
0000 00EC
−69.5
0.00033497
0000 0AF9
−91.5
2.66072E−05
0000 00DF
−70
0.00031623
0000 0A5C
−92
2.51188E−05
0000 00D2
−70.5
0.00029854
0000 09C8
−92.5
2.37138E−05
0000 00C6
−71
0.00028184
0000 093C
−93
2.23872E−05
0000 00BB
−71.5
0.00026607
0000 08B7
−93.5
2.11348E−05
0000 00B1
−72
0.00025119
0000 083B
−94
1.99526E−05
0000 00A7
−72.5
0.00023714
0000 07C5
−94.5
1.88365E−05
0000 009E
−73
0.00022387
0000 0755
−95
1.77828E−05
0000 0095
−73.5
0.00021135
0000 06EC
−95.5
1.67880E−05
0000 008C
−74
0.00019953
0000 0689
−96
1.58489E−05
0000 0084
−74.5
0.00018837
0000 062C
−96.5
1.49624E−06
0000 007D
−75
0.00017783
0000 05D3
−97
1.41254E−05
0000 0076
−75.5
0.00016788
0000 0580
−97.5
1.33352E−05
0000 006F
−76
0.00015849
0000 0531
−98
1.25893E−05
0000 0069
−76.5
0.00014962
0000 04E7
−98.5
1.18850E−05
0000 0063
−77
0.00014125
0000 04A0
−99
1.12202E−05
0000 005E
−77.5
0.00013335
0000 045E
−99.5
1.05925E−05
0000 0058
−78
0.00012589
0000 0420
−100
0.00001
0000 0053
−78.5
0.00011885
0000 03E4
−100.5
9.44060E−06
0000 004F
−79
0.00011220
0000 03AD
−101
8.91250E−06
0000 004A
−79.5
0.00010593
0000 0378
−101.5
8.41396E−06
0000 0046
−80
0.0001
0000 0346
−102
7.94328E−06
0000 0042
−80.5
9.44060E−05
0000 0317
−102.5
7.49894E−06
0000 003E
−81
8.91250E−05
0000 02EB
−103
7.07946E−06
0000 003B
−81.5
8.41396E−05
0000 02C1
−103.5
6.68344E−06
0000 0038
−82
7.94328E−05
0000 029A
−104
6.30958E−06
0000 0034
−82.5
7.49894E−05
0000 0275
−104.5
5.95662E−06
0000 0031
−83
7.07946E−05
0000 0251
−105
5.62342E−06
0000 002F
−83.5
6.68344E−05
0000 0230
−105.5
5.30884E−06
0000 002C
−84
6.30958E−05
0000 0211
−106
5.01188E−06
0000 002A
−84.5
5.95662E−05
0000 01F3
−106.5
4.73152E−06
0000 0027
−85
5.62342E−05
0000 01D7
−107
4.46684E−06
0000 0025
−85.5
5.30884E−05
0000 01BD
−107.5
4.21696E−06
0000 0023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com