| Electronic Components Datasheet Search |
|
TAS3103ADBT Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 154 page ![]() 3−4 3.2 Input Crossbar Mixers The TAS3103A has four serial input ports—SDIN1, SDIN2, SDIN3, and SDIN4. SDIN1, SDIN2, and SDIN3 provide the input resources to process 5.1-channel audio in two TAS3103A chips. SDIN4 provides the capability to multiplex between a full 5.1-channel system and a stereo source or an information/warning audio message as might be found in an automotive application. Each serial input port is assigned two internal processing nodes. The mixers following these internal processing nodes serve to distribute the input audio data to various processing nodes within the TAS3103A. Figure 3−7 shows the assignment of the internal processing nodes to the serial input ports. Two cases are shown in Figure 3−7— discrete mode and TDM mode. The input crossbar mixer topology for internal processing nodes A, B, C, D, E, and F is shown in Figure 3−8. Each of the six nodes is assigned six mixers. These six mixers provide the ability to route the incoming serial port data on SDIN1, SDIN2, and SDIN3 to: • Processing node d—bypassing effects block and directly feeding monaural CH1 • Processing node e—bypassing effects block and directly feeding monaural CH2 • Processing node f—directly feeding the section of the effects block assigned to monaural CH3 • Processing nodes a and b—directly feeding paths that contain the reverberation (reverb) delay elements assigned to CH1 and CH2 • Processing node c—directly feeding an effects block path assigned to CH1 and CH2 that bypasses all reverb delay elements. The ability to route all input nodes to the same set of processing nodes fully decouples the input order (what audio components are wired to which serial input ports) from the processing flow. As is seen in the discussion of the output crossbar mixers, the output serial ports are fully decoupled from the three monaural channels (any monaural channel output can be routed to either the left or the right side of any output port). The TAS3103A thus provides full flexibility in the routing of audio data into and out of the chip. The mixer topology for internal processing nodes g and h is shown in Figure 3−9. Nodes g and h are each assigned three mixers. The mixers provide the ability to route the incoming data on serial port SDIN4 to: • Output processing nodes to facilitate input-to-output pass-through • CH1/CH2 effects block input nodes that bypass reverb delay • CH3 effects block input node |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |