Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 26Page - Texas Instruments LP8557 Datasheet HTML 27Page - Texas Instruments LP8557 Datasheet HTML 28Page - Texas Instruments LP8557 Datasheet HTML 29Page - Texas Instruments LP8557 Datasheet HTML 30Page - Texas Instruments LP8557 Datasheet HTML 31Page - Texas Instruments LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8.6.1.9 LEDEN
Address: 0x14h
Reset: 0xBFh (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
-
ENABLE[6:1]
Bits
Field
Type
Default
Description
7:6
reserved
R/W
10b
5:0
ENABLE
R/W
111111b
LED string enables.
000001 = Only 1 current sink enabled.
.
.
001111 = Current sinks 1-4 enabled.
011111 = Current sinks 1-5 enabled.
111111 = All 6 current sinks enabled (Default)
The ENABLE field configures the strings if the AUTO bit is 0. The LP8557I allows re-configuration of the
ENABLE bits via I2C writes. Note that re-configuration must be done every time the power on the VDD pin is
recycled.
8.6.1.10 STEP
Address: 0x15h
Reset: 0x00h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
SMOOTH[1:0]
—
STEP[1:0]
Bits
Field
Type
Default
Description
7:6
SMOOTH
R/W
00b
Filter strength for digital smoothing filter.
00 = no smoothing (Default)
10 = light smoothing
10 = medium smoothing
11 = heaving smoothing
5:2
reserved
R/W
0000b
1:0
STEP
R/W
00b
Ramp time for a 0% to 100% current change.
00 = 0 ms (Default)
01 = 50 ms (12.2 µs/12-bit LSB)
10 = 100 ms (24.4 µs/12-bit LSB)
11 = 200 ms (48.8 µs/12-bit LSB)
On LP8557I, it is possible to enable slope and advanced slope functions by re-configuration of the STEP and
SMOOTH bits appropriately via I2C writes. Note that re-configuration must be done every time power on the VDD
pin is recycled.
The STEP field controls the rate of brightness level changes (slope function). Brightness transitions have a fixed
step time. The time required to complete a ramp between two levels also depends upon the difference between
the starting and ending current levels. For example, when STEP is set to 10b a brightness transition from 0% to
100% takes 100 ms, while a transition from 50% to 100% takes 50 ms.
The SMOOTH field controls the digital smoothing filter (advanced slope function). This filter behaves much like
an RC filter. It can be used to remove the overshoot that appears to occur on large brightness changes. The
actual amount of smoothing is tailored for the STEP field setting. For example, medium filter strength is higher for
100-ms ramp times than for 50-ms ramp times. This gives 16 possible brightness-level ramping configurations.
30
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com