Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 31Page - Texas Instruments LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments LP8557 Datasheet HTML 35Page - Texas Instruments LP8557 Datasheet HTML 36Page - Texas Instruments LP8557 Datasheet HTML 37Page - Texas Instruments LP8557 Datasheet HTML 38Page - Texas Instruments LP8557 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
OUT
OUT
IN
IN
IN
SW
OUT
I
V
V
V
efficiency
1
V
efficiency
ƒ
2 L
V
æ
ö
´
´
>
´
-
ç
÷
´
´ ´
è
ø
OUT
PEAK
OUT
IN
SW
2 I
I
(V
V
efficiency)
L efficien
ƒ
cy
´
=
´
-
´
´
´
OUT
OUT
IN
IN
PEAK
IN
SW
OUT
I
V
V
V
efficiency
I
x 1
V
efficiency
ƒ
2
L
V
é
ù
æ
ö
´
´
=
+
-
ê
ú
ç
÷
´
´
´
ê
ú
è
ø
ë
û
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Boost Output Capacitor Selection
The LP8557 inductive boost converter typically requires two 4.7-µF output capacitors. The voltage rating of the
capacitor must be 35 V or higher as the OVP threshold is at 29.6 V (typ). Pay careful attention to the capacitor
tolerance and DC bias response. For proper operation the degradation in capacitance due to tolerance, DC bias,
and temperature should stay above 2 µF. This might require placing more than two devices in parallel in order to
maintain the required output capacitance over the device operating temperature and output voltage range.
9.2.1.2.2
Schottky Diode Selection
The Schottky diode must have a reverse breakdown voltage greater than the LP8557’s maximum output voltage.
Additionally, the diode must have an average current rating high enough to handle the LP8557 maximum output
current; at the same time the diode's peak current rating must be high enough to handle the peak inductor
current. Schottky diodes are required due to their lower forward voltage drop (0.3V to 0.5V) and their fast
recovery time.
9.2.1.2.3
Inductor Selection
The chosen inductor must be from 10 to 22 µH (for 500-kHz operation) or 4.7 to 10 µH (for 1-MHz operation) and
must have a saturation rating equal to, or greater than, the circuit's peak operating current. IPEAK can be found by
the following calculation:
(1)
This assumes the device is operating in continuous conduction mode (CCM) which is typically the case when
operating near the peak current. For smaller rated inductors, and when the device is operating in discontinuous
conduction mode (DCM), the peak current can be found from:
(2)
The device operates in CCM when the following is true:
(3)
9.2.1.2.4
Boost Input andVDD Capacitor Selection
The LP8557 VDD pin is typically tied to the same supply as the input of the boost power stage (VIN node). A 10-
µF input capacitor is recommended on that node. The voltage rating of the capacitor must be at least 10 V. If a
supply powering the VDD pin is different from a supply powering the boost power stage, then 10-µF input
capacitors are required on both VDD and VIN nodes.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com