Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 28Page - Texas Instruments LP8557 Datasheet HTML 29Page - Texas Instruments LP8557 Datasheet HTML 30Page - Texas Instruments LP8557 Datasheet HTML 31Page - Texas Instruments LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments LP8557 Datasheet HTML 35Page - Texas Instruments LP8557 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
9.1.1.2 Setting Boost Compensation
For stable LP8557 boost operation, appropriate boost compensation must be selected based on the selected
boost switching frequency and the boost inductance. Table 3 shows recommended boost compensation options
based on the boost switching frequency and selected boost circuit inductance.
Table 3. Recommended Boost Compensation Options Based
on the Boost Switching Frequency and Inductance
RECOMMENDED BOOST
ƒSW (kHz)
L (µH)
COMPENSATION OPTION
10
1
500
15
1
22
0
4.7
1
1000
6.8
1
10
0
The LP8557 boost converter compensation is set by placing an external resistor, RISET, from the ISET pin to
GND. Note that the ISET pin is shared for setting the full-scale LED current in addition to setting the boost
compensation. Setting the boost compensation and the full-scale LED current using an external resistor is shown
in Table 4.
9.1.1.3 Setting Full-Scale Led Current
The LP8557 full-scale current is set by placing an external resistor, RISET, from the ISET pin to GND. Note that
the ISET pin is shared for setting the boost compensation in addition to the full-scale LED current. Setting the
boost compensation and the full-scale LED current using an external resistor is shown in Table 4.
Table 4. Setting Full-Scale LED Current and Boost Compensation Using an
External Resistor
RISET [
Ω] (TOLERANCE)
BOOST COMPENSATION
ILED (mA)
OPTION
470k - 1M (±5%)
1
5
300k, 330k (±5%)
1
10
200k (±5%)
1
13
147k, 150k, 154k, 158k (±1%)
1
15
121k (±1%)
1
18
100k (±1%)
1
20
86.6k (±1%)
1
23
75.0k (±1%)
1
25
63.4k (±1%)
0
5
52.3k, 53.6k (±1%)
0
10
44.2k, 45.3k (±1%)
0
13
39.2k (±1%)
0
15
34.0k (±1%)
0
18
30.1k (±1%)
0
20
26.1k (±1%)
0
23
23.2k (±1%)
0
25
0 (grounded)
1
20
9.1.2 Designing With LP8557I
The LP8557I is intended for applications that can utilize an I2C master to control the device. Use of an external
PWM signal is allowed for controlling the brightness levels; however, I2C commands are required to turn the
backlight on or off. Boost switching frequency, boost compensation, PWM dimming frequency, and the maximum
LED current are set to default values. Re-configuration is possible with I2C writes; however, re-programming has
to be done every time power on the VDD pin is recycled.
32
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com