Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 29Page - Texas Instruments LP8557 Datasheet HTML 30Page - Texas Instruments LP8557 Datasheet HTML 31Page - Texas Instruments LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments LP8557 Datasheet HTML 35Page - Texas Instruments LP8557 Datasheet HTML 36Page - Texas Instruments LP8557 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
9.1.2.1 Setting Boost Switching Frequency
The LP8557I boost converter switching frequency is set to 500 kHz by default. It may be re-programmed by
overriding the BFREQ bit with an I2C write. Table 5 shows the boost switching frequency options available.
Table 5. Available Boost Switching Frequencies
BFREQ
ƒSW [kHz]
0
500
1
1000
9.1.2.2 Setting Boost Compensation
For stable LP8557I boost operation, appropriate boost compensation must be selected based on the selected
boost switching frequency and the boost inductance. Table 6 shows recommended boost compensation options
based on the boost switching frequency and selected boost circuit inductance.
Table 6. Recommended Boost Compensation Options Based
on the Boost Switching Frequency and Inductance
RECOMMENDED BOOST
ƒSW (kHz)
L (µH)
COMPENSATION OPTION
10
1
500
15
1
22
0
4.7
1
1000
6.8
1
10
0
The LP8557I boost converter compensation is set to option 1 by default. It may be re-programmed by overriding
the BCOMP bit with an I2C write. Table 7 shows available boost compensation options.
Table 7. Available Boost Compensation Options
BCOMP
BOOST COMPENSATION
OPTION
0
0
1
1
9.1.2.3 Setting PWM Dimming Frequency
The LP8557I PWM dimming frequency is set to 9.8 kHz by default. It may be re-programmed by overriding the
PFREQ bits with an I2C write. Table 8 summarizes available PWM dimming frequencies.
Table 8. Available PWM Dimming Frequencies
PFREQ
ƒPWM (kHz)
000
4.9
001
9.8
010
14.6
011
19.5
100
24.4
101
29.3
110
34.2
111
39.1
9.1.2.4 Setting Full-Scale LED Current
The LP8557I full-scale LED current is set to 25 mA by default. It may be re-programmed by overriding
MAXCURR bits with an I2C write. Table 9 shows available full-scale LED current levels.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com