Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 5 Page - Texas Instruments

  LP8557 Datasheet HTML 1Page - Texas Instruments LP8557 Datasheet HTML 2Page - Texas Instruments LP8557 Datasheet HTML 3Page - Texas Instruments LP8557 Datasheet HTML 4Page - Texas Instruments LP8557 Datasheet HTML 5Page - Texas Instruments LP8557 Datasheet HTML 6Page - Texas Instruments LP8557 Datasheet HTML 7Page - Texas Instruments LP8557 Datasheet HTML 8Page - Texas Instruments LP8557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
Unless otherwise specified: TA = 25°C, VDD = 3.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input voltage range
2.7
5.5
V
IDDQ
Standby current
1
µA
IDD
Operating current
No current going through LEDs
2.2
mA
Internal oscillator frequency
–4%
4%
ƒOSC
accuracy
–7%(1)
7%(1)
TTSD
Thermal shutdown threshold(2)
150
°C
TTSD_hyst
Thermal shutdown hysteresis(2)
20
(1)
Limits apply over the full operating ambient temperature range –30°C
≤ TA ≤ 85°C.
(2)
Verified by design and not tested in production.
7.6 Boost Converter Electrical Characteristics
Unless otherwise specified: TA = 25°C, VDD = 3.8 V
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS_ON
Switch ON resistance
ISW = 0.5 A
0.2
Ω
VBOOST_MIN
Minimum output voltage
6(2)
7
8(2)
V
VBOOST_MAX
Maximum output voltage
27(2)
28
29(2)
V
ISW_CL
SW pin current limit
2.1
2.4
2.5
A
ISW_LIM = 2.4 A
ILOAD_MAX
Maximum continuous load current (3)
160
mA
VIN = 3 V, VOUT = 24 V
500
ƒSW
Switching frequency
kHz
1000
Overvoltage protection voltage
VBOOST_MAX
VOVP_TH
threshold
+ 1.6
V
VUVLO_TH
UVLO threshold
2.5
VUVLO_hyst
UVLO hysteresis
50
mV
tPULSE
Switch pulse minimum width (3)
No load
80
ns
tSTARTUP
Boost start-up time (3)
1
ms
(1)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis.
(2)
Limits apply over the full operating ambient temperature range –30°C
≤ TA ≤ 85°C.
(3)
Verified by design and not tested in production.
7.7 LED Driver Electrical Characteristics (LED1 To LED6 Pins)
Unless otherwise specified: TA = 25°C, VDD = 3.8 V
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current
Outputs LED1...LED6, VOUT = 28 V
1
µA
ILED_MAX
Maximum sink current LED1...6
25
mA
–3%
3%
ILED_ACC
LED current accuracy(2)
Output current set to 20 mA
–4%(3)
4%(3)
IMATCH
Channel to Channel Matching (2)
Output current set to 20 mA
0.5
PFREQ = 000b
4.9
ƒLED
LED switching frequency(4)
kHz
PFREQ = 111b
39.1
VSAT
Saturation voltage(5)
Output current set to 20 mA
200
mV
(1)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis.
(2)
The LED current accuracy is defined as 100 × (ILED_AVE – ILED_Target) / ILED_AVE. The channel-to-channel LED current matching
is defined as (ILED_MAX – ILED_MIN) / ILED_AVE.
(3)
Limits apply over the full operating ambient temperature range –30°C
≤ TA ≤ 85°C.
(4)
Verified by design and not tested in production.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com