Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 10Page - Texas Instruments LP8557 Datasheet HTML 11Page - Texas Instruments LP8557 Datasheet HTML 12Page - Texas Instruments LP8557 Datasheet HTML 13Page - Texas Instruments LP8557 Datasheet HTML 14Page - Texas Instruments LP8557 Datasheet HTML 15Page - Texas Instruments LP8557 Datasheet HTML 16Page - Texas Instruments LP8557 Datasheet HTML 17Page - Texas Instruments LP8557 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Curve
Shaper
Hybrid
PWM&I
Dimming
PWM
Gen
Brightness
CURRENT
PWM
MAXCURR
THRESHOLD
I
2C
Input
VIN
LP8557
FB
SW
1.1 ” VOUT / VIN ” 11
L1
D1
VDD
CIN
COU
T
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
ISET
FSET
2.7 V ± 5.5 V
7 V ± 28 V
PWM
PWM
VOUT
RFSET
RISET
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
Figure 24. Typical Application Circuit for Devices Configured With BRTMODE = 00
8.3.2.3 BRTMODE = 01b
With BRTMODE = 01b, the LED output current is controlled by the BRTHI/BRTLO registers. Before the output is
generated the BRTHI/BRTLO registers-based brightness code goes through the Curve Shaper block. Then the
code goes into the hybrid PWM & I dimming block which determines the range of the PWM and current control.
The outcome of the Hybrid PWM&I Dimming block is Current and/or up to 6 PWM output signals.
Figure 25. Brightness Data Path for BRTMODE = 01b
8.3.2.4 BRTMODE = 10b
With BRTMODE = 10b, the LED output current is controlled by the PWM input duty cycle and the BRTHI/BRTLO
registers. The PWM detector block measures the duty cycle at the PWM pin and uses it to generate PWM-based
brightness code. Before the code is multiplied with the BRTHI/BRTLO registers-based brightness code, it goes
through the curve shaper block. After the multiplication, the resulting code goes into the hybrid PWM & I dimming
block which determines the range of the PWM and Current control. The outcome of the hybrid PWM & I dimming
block is current or up to 6 PWM output signals.
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com