Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0380D Datasheet HTML 12Page - Texas Instruments AMC0380D Datasheet HTML 13Page - Texas Instruments AMC0380D Datasheet HTML 14Page - Texas Instruments AMC0380D Datasheet HTML 15Page - Texas Instruments AMC0380D Datasheet HTML 16Page - Texas Instruments AMC0380D Datasheet HTML 17Page - Texas Instruments AMC0380D Datasheet HTML 18Page - Texas Instruments AMC0380D Datasheet HTML 19Page - Texas Instruments AMC0380D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
6.4 Device Functional Modes
The AMC0380D operates in one of the following states:
• Off-state: The low-side supply (VDD2) is below the VDD2UV threshold. The device is not responsive. OUTP
and OUTN are in Hi-Z state. Internally, OUTP and OUTN are clamped to VDD2 and GND2 by ESD protection
diodes.
• Missing high-side supply: The low-side of the device (VDD2) is supplied and within recommended operating
conditions. The high-side supply (VDD1) is below the VDD1UV threshold. The device outputs the VFAILSAFE
voltage.
• Analog input overrange (positive full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is above the maximum clipping voltage VClipping, MAX. The device
outputs positive VCLIPout.
• Analog input underrange (negative full-scale input): VDD1 and VDD2 are within recommended operating
conditions but the analog input voltage VIN is below the minimum clipping voltage VClipping, MIN. The device
outputs negative VCLIPout.
• Normal operation: VDD1, VDD2, and VIN are within the recommended operating conditions. The device
outputs a differential voltage that is proportional to the input voltage.
Table 6-1 lists the operating modes.
Table 6-1. Device Operational Modes
OPERATING
CONDITION
VDD1
VDD2
VIN
DEVICE
RESPONSE
Off
Don't care
VDD2 < VDD2UV
Don't care
OUTP and OUTN are in Hi-Z state. Internally,
OUTP and OUTN are clamped to VDD2 and
GND2 by ESD protection diodes.
Missing high-side
supply
VDD1 < VDD1UV
Valid(1)
Don't care
The device outputs the VFAILSAFE voltage.
Input overrange
Valid(1)
Valid(1)
VIN > VClipping, MAX
The device outputs positive VCLIPout.
Input underrange
Valid(1)
Valid(1)
VIN < VClipping, MIN
The device outputs negative VCLIPout.
Normal operation
Valid(1)
Valid(1)
Valid(1)
The device outputs a differential voltage that
is proportional to the input voltage.
(1)
Valid denotes operation within the recommended operating conditions.
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
AC-line powered power supplies are divided into two or more voltage domains that are galvanically isolated
from each other. For example, the high-voltage domain includes the AC grid, DC link, and the power stage
for power-factor correction (PFC). The low-voltage domain includes the system controller and human interface.
The PFC controller measures the value of the AC line voltage while remaining galvanically isolated from the
AC mains for safety reasons. With the high-impedance input and galvanically isolated output, the AMC0380D
enables this measurement.
AMC0380D
SBASAT0 – SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0380D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com