Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 3 Page - Texas Instruments

  AMC0380D Datasheet HTML 1Page - Texas Instruments AMC0380D Datasheet HTML 2Page - Texas Instruments AMC0380D Datasheet HTML 3Page - Texas Instruments AMC0380D Datasheet HTML 4Page - Texas Instruments AMC0380D Datasheet HTML 5Page - Texas Instruments AMC0380D Datasheet HTML 6Page - Texas Instruments AMC0380D Datasheet HTML 7Page - Texas Instruments AMC0380D Datasheet HTML 8Page - Texas Instruments AMC0380D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Pin Configuration and Functions
SNSN
GND1
5
6
Not to scale
NC
SNSP
3
4
2
1
8
7
9
11
10
13
12
14
15
VDD1
HVIN
NC
NC
NC
VDD2
NC
NC
OUTP
OUTN
GND2
Figure 4-1. DFX Package, 15-Pin SOIC (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
HVIN
Analog input
High-voltage input
2
SNSN
Analog input
Ground sense pin and inverting analog input to the amplifier. Connect to
GND1.
3, 7, 8, 12, 13,
15
NC
N/A
No internal connection. The pin can be connected to any potential or left
floating.
4
SNSP
Analog input
Sense voltage pin and noninverting analog input to the amplifier. Connect
to an external filter capacitor or leave floating.
5
VDD1
High-side power
Analog (high-side) power supply(1)
6
GND1
High-side ground
High-side ground
9
GND2
Low-side ground
Low-side ground
10
OUTN
Analog output
Inverting analog output
11
OUTP
Analog input
Noninverting analog output
14
VDD2
Low-side power
Low-side power supply(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
www.ti.com
AMC0380D
SBASAT0 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC0380D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com