Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC0380D Datasheet HTML 5Page - Texas Instruments AMC0380D Datasheet HTML 6Page - Texas Instruments AMC0380D Datasheet HTML 7Page - Texas Instruments AMC0380D Datasheet HTML 8Page - Texas Instruments AMC0380D Datasheet HTML 9Page - Texas Instruments AMC0380D Datasheet HTML 10Page - Texas Instruments AMC0380D Datasheet HTML 11Page - Texas Instruments AMC0380D Datasheet HTML 12Page - Texas Instruments AMC0380D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
function expressed as number of LSBs or as a percent of the specified linear full-scale range FSR.
(3)
Offset error drift is calculated using the box method, as described by the following equation:
TCEO = (valueMAX - valueMIN) / TempRange
(4)
Attenuation error drift is calculated using the box method, as described by the following equation:
TCEA (ppm) = ((valueMAX - valueMIN) / (value x TempRange)) X 106
(5)
This parameter is referred to SNSP.
5.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
2.6
µs
tf
Output signal fall time
2.6
µs
VSNSP to VOUTx signal delay (50% – 10%) Unfiltered output
1.6
µs
VSNSP to VOUTx signal delay (50% – 50%) Unfiltered output
3.0
3.2
µs
VSNSP to VOUTx signal delay (50% – 90%) Unfiltered output
4.2
µs
tAS
Analog settling time
VDD1 step to 3.0V with VDD2 ≥ 3.0V, to
VOUTP, VOUTN valid, 0.1% settling
20
100
µs
5.11 Timing Diagram
HVIN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
+V
FSR
–V
FSR
V
CMout
Figure 5-1. Rise, Fall, and Delay Time Definitions
www.ti.com
AMC0380D
SBASAT0 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC0380D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com