Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 1 Page - Texas Instruments

  AMC0380D Datasheet HTML 1Page - Texas Instruments AMC0380D Datasheet HTML 2Page - Texas Instruments AMC0380D Datasheet HTML 3Page - Texas Instruments AMC0380D Datasheet HTML 4Page - Texas Instruments AMC0380D Datasheet HTML 5Page - Texas Instruments AMC0380D Datasheet HTML 6Page - Texas Instruments AMC0380D Datasheet HTML 7Page - Texas Instruments AMC0380D Datasheet HTML 8Page - Texas Instruments AMC0380D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With
Fixed-Gain Differential Output
1 Features
• Integrated, high-voltage resistive divider for direct
AC voltage sensing without external resistors
• Linear input range and impedance: ±400V, 8.3MΩ
• Differential output
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Low DC errors:
– Offset error: ±0.8mV (maximum)
– Offset drift: ±10µV/°C (maximum)
– Attenuation error: ±0.25% (maximum)
– Attenuation drift: ±40ppm/°C (maximum)
– Nonlinearity: 0.025% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25 limits
• Safety-related certifications:
– 7000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000VRMS isolation for 1 minute per UL 1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Server power-supply units (PSU)
• Energy storage systems (ESS)
• Solar inverters
• EV charging stations
3 Description
The AMC0380D is a precision, galvanically isolated
amplifier with a high-voltage AC, high impedance
input, and fixed-gain differential output. The input is
designed to connect directly to a high-voltage signal
source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference and is certified to provide
reinforced isolation up to 5kVRMS (60s).
The
AMC0380D
outputs
a
differential
signal
proportional to the input voltage. The differential
output is insensitive to ground shifts and enables
routing the output signal over long distances.
The AMC0380D has a linear input voltage range of
±400V. With an integrated precision resistive divider,
the AMC0380D achieves better than 1% accuracy
over the full temperature range, including lifetime drift.
The AMC0380D is available in a 15-pin, 0.65mm pitch
SSOP package. The device is fully specified over the
temperature range from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0380D
DFX (SSOP, 15)
12.8mm × 10.3mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
VDD2
3.3V or 5V
OUTP
OUTN
GND2
SNSP
GND1
NC
SNSN
VDD1
R1
HVIN
3.3V or 5V
1
5
4
3
2
6
9
10
11
14
ADC
R2
AC or DC
2 V
V
CMout
±400V
Typical Application
AMC0380D
SBASAT0 – SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC0380D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0380D TI2-AMC0380D Datasheet
1Mb / 30P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
REVISED SEPTEMBER 2025
AMC0380D TI2-AMC0380D Datasheet
1Mb / 35P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
REVISED NOVEMBER 2025
AMC0380D TI2-AMC0380D Datasheet
1Mb / 34P
AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
REVISED NOVEMBER 2025
AMC0380D-Q1 TI-AMC0380D-Q1 Datasheet
985Kb / 23P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
OCTOBER 2024
AMC0380D-Q1 TI2-AMC0380D-Q1 Datasheet
952Kb / 23P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
OCTOBER 2024
More results

Similar Description - AMC0380D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
M62525FP MITSUBISHI-M62525FP Datasheet
38Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com