Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC0380D Datasheet HTML 9Page - Texas Instruments AMC0380D Datasheet HTML 10Page - Texas Instruments AMC0380D Datasheet HTML 11Page - Texas Instruments AMC0380D Datasheet HTML 12Page - Texas Instruments AMC0380D Datasheet HTML 13Page - Texas Instruments AMC0380D Datasheet HTML 14Page - Texas Instruments AMC0380D Datasheet HTML 15Page - Texas Instruments AMC0380D Datasheet HTML 16Page - Texas Instruments AMC0380D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
6 Detailed Description
6.1 Overview
The AMC0380D is a precision, galvanically isolated amplifier with a high-voltage AC, high impedance input, and
fixed-gain differential output. The input stage of the device drives a second-order, delta-sigma (ΔΣ) modulator.
The modulator converts the analog input signal into a digital bitstream that is transferred across the isolation
barrier that separates the high-side from the low-side.
On the low-side, the received bitstream is processed by a fourth-order analog filter that outputs a differential
signal at the OUTP and OUTN pins. This differential output signal is proportional to the input signal.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application note. The digital modulation used in the AMC0380D
transmits data across the isolation barrier. This modulation, and the isolation barrier characteristics, result in high
reliability and high common-mode transient immunity.
6.2 Functional Block Diagram
VDD2
OUTP
OUTN
GND2
ΔΣ Modulator
Reference
10 MHz Oscillator
SNSP
GND1
SNSN
VDD1
R1
HVIN
1
5
4
6
2
R2
14
11
10
9
Analog Filter
6.3 Feature Description
6.3.1 Analog Input
The resistive divider at the input of the AMC0380D scales down the voltage applied to the HVIN pin to a ±1V
linear full-scale level. This signal is available on the SNSP pin, which is also the input of the analog signal chain.
The high-impedance input buffer on the SNSP pin feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred across the isolation
barrier, as described in the Isolation Channel Signal Transmission section.
www.ti.com
AMC0380D
SBASAT0 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0380D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com