Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC0380D
Description  AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0380D Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC0380D Datasheet HTML 17Page - Texas Instruments AMC0380D Datasheet HTML 18Page - Texas Instruments AMC0380D Datasheet HTML 19Page - Texas Instruments AMC0380D Datasheet HTML 20Page - Texas Instruments AMC0380D Datasheet HTML 21Page - Texas Instruments AMC0380D Datasheet HTML 22Page - Texas Instruments AMC0380D Datasheet HTML 23Page - Texas Instruments AMC0380D Datasheet HTML 24Page - Texas Instruments AMC0380D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
7.5 Layout
7.5.1 Layout Guidelines
The Layout Example section details a layout recommendation with the critical placement of the decoupling
capacitors (as close as possible to the AMC0380D supply pins). This example also depicts the placement of
other components required by the device.
7.5.2 Layout Example
C5
VDD1
SNSP
GND1
VDD2
GND2
OUTP
OUTN
HVIN
Top Metal
Inner or Bottom Layer Metal
Via
8 mm
clearance
> 8mm clearance
guard ring to protect
SNSP pin
≥9.7mm creepage
keep-out zone
keep-out zone
Figure 7-6. Recommended Layout of the AMC0380D
www.ti.com
AMC0380D
SBASAT0 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC0380D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com