Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 4 Page - ON Semiconductor

  FSQ211 Datasheet HTML 1Page - ON Semiconductor FSQ211 Datasheet HTML 2Page - ON Semiconductor FSQ211 Datasheet HTML 3Page - ON Semiconductor FSQ211 Datasheet HTML 4Page - ON Semiconductor FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
3
Pin Assignments
1
2
3
45
6
7
8
GND
Vcc
Vfb
NC
Vstr
Drain
Drain
Drain
Figure 3.
Pin Configuration (Top View)
Pin Definitions
Pin
Name
Description
1
GND
Ground.
SenseFET source terminal on primary side and internal control ground.
2
VCC
Positive supply voltage input
. Although connected to an auxiliary transformer winding,
current is supplied from pin 5 (Vstr) via an internal switch during startup (see Block Diagram). It
is not until VCC reaches the UVLO upper threshold (9V), that the internal start-up switch opens
and device power is supplied via the auxiliary transformer winding.
3
VFB
Feedback
. Inverts input to the PWM comparator with its normal input level between 0.5V and
2.5V. It has a 0.4mA current source connected internally, while a capacitor and opto-coupler
are typically connected externally. A feedback voltage of 4.5V triggers overload protection
(OLP). There is a time delay while charging external capacitor CFB from 3V to 4.5V using an
internal 5µA current source. This time delay prevents false triggering under transient
conditions, but allows the protection mechanism to operate under true overload conditions.
4
NC
No Connection
.
5
Vstr
Start-up
. This pin connects directly to the rectified AC line voltage source. At start-up, the
internal switch supplies internal bias and charges an external storage capacitor placed
between the VCC pin and ground. Once the VCC reaches 9V, the internal switch stops charging
the capacitor.
6,7,8
Drain
SenseFET Drain
. The drain pins are designed to connect directly to the primary lead of the
transformer and are capable of switching a maximum of 650V. Minimizing the length of the
trace connecting these pins to the transformer decreases leakage inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com