Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor FSQ211 Datasheet HTML 10Page - ON Semiconductor FSQ211 Datasheet HTML 11Page - ON Semiconductor FSQ211 Datasheet HTML 12Page - ON Semiconductor FSQ211 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
10
Application Tips
Methods of Reducing Audible Noise
Switching mode power converters have electronic and
magnetic components that generate audible noises
when the operating frequency is in the range of
20~20,000Hz. Even though they operate above 20kHz,
they can make noise depending on the load condition.
Designers can employ several methods to reduce noise.
Glue or Varnish
The most common method involves using glue or
varnish to tighten magnetic components. The motion of
core,
bobbin
and
coil,
and
the
chattering
or
magnetostriction of core, can cause the transformer to
produce audible noise. The use of rigid glue and varnish
helps reduce the transformer noise, but can crack the
core. This is because sudden changes in the ambient
temperature cause the core and the glue to expand or
shrink at a different rate.
Ceramic Capacitor
Using a film capacitor instead of a ceramic capacitor as
a snubber capacitor is another noise-reduction option.
Some dielectric materials show a piezoelectric effect,
depending on the electric field intensity. Therefore, a
snubber capacitor becomes one of the most significant
sources of audible noise. It is possible to use a Zener
clamp circuit instead of an RCD snubber for higher
efficiency as well as lower audible noise.
Adjusting Sound Frequency
Moving the fundamental frequency of noise out of
2~4kHz range is the third method. Generally, humans
are more sensitive to noise in the range of 2~4kHz.
When the fundamental frequency of noise is located in
this range, the noise is perceived as louder, although
the noise intensity level is identical (refer to Figure 22
Equal Loudness Curves)
.
When FPS acts in burst mode and the burst operation is
suspected to be a source of noise, this method may be
helpful. If the frequency of burst-mode operation lies in
the range of 2~4kHz, adjusting the feedback loop can
shift the burst operation frequency. To reduce the burst
operation frequency, increase a feedback gain capacitor
(CF), opto-coupler supply resistor (RD), and feedback
capacitor (CB), and decrease a feedback gain resistor
(RF), as shown in Figure 23.
Figure 22. Equal Loudness Curves
Figure 23. Typical Feedback Network of FPS™
Other Reference Materials
AN-4134: Design Guidelines for Off-line Forward
Converters Using Fairchild Power Switch
(FPS™)
AN-4137: Design Guidelines for Off-line Flyback
Converters Using Fairchild Power Switch
(FPS™)
AN-4138: Design Considerations for Battery Charger
Using Green Mode Fairchild Power Switch
(FPS™)
AN-4140: Transformer Design Consideration for Off-line
Flyback Converters Using Fairchild Power
Switch (FPS™)
AN-4141: Troubleshooting and Design Tips for Fairchild
Power Switch (FPS™) Flyback Applications
AN-4147: Design Guidelines for RCD Snubber of
Flyback
AN-4148: Audible Noise Reduction Techniques for
FPS™ Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com