Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSQ211 Datasheet HTML 2Page - ON Semiconductor FSQ211 Datasheet HTML 3Page - ON Semiconductor FSQ211 Datasheet HTML 4Page - ON Semiconductor FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor FSQ211 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
5
Electrical Characteristics
TA=25°C unless otherwise specified,
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SENSEFET SECTION
VDS=650V, VGS=0V
25
IDSS
Zero-Gate-Voltage Drain Current
VDS=520V, VGS=0V,
TC=125°C
200
µA
RDS(ON)
Drain-Source On-State Resistance
(6)
VGS=10V, ID=0.2A
18
25
Ω
gfs
Forward Trans-Conductance
VDS=50V, ID=0.2A
1.0
1.3
S
CISS
Input Capacitance
162
COSS
Output Capacitance
18
CRSS
Reverse Transfer Capacitance
VGS=0V, VDS=25V,
f=1MHz
3.8
pF
CONTROL SECTION
fOSC
Switching Frequency
61
67
73
KHz
ΔfOSC
Switching Frequency Variation
(7)
-25°C ≤ TA ≤ 85°C
±5
±10
%
DMAX
Maximum Duty Cycle
60
67
74
%
VSTART
VFB=GND
8
9
10
V
VSTOP
UVLO Threshold Voltage
VFB=GND
6
7
8
V
IFB
Feedback Source Current
0V ≤ VFB ≤ 3V
0.35
0.40
0.45
mA
tS/S
Internal Soft-Start Time
10
15
20
ms
BURST-MODE SECTION
VBURH
0.6
0.7
0.8
V
VBURL
TJ=25°C
0.45
0.55
0.65
V
VBUR(HYS)
Burst-Mode Voltage
Hysteresis
150
mV
PROTECTION SECTION
ILIM
Peak Current Limit
di/dt= 65mA/µs
0.32
0.38
0.44
A
TSD
Thermal Shutdown Temperature
(8)
125
145
°C
VSD
Shutdown Feedback Voltage
4.0
4.5
5.0
V
IDELAY
Shutdown Delay Current
3V ≤ VFB ≤ VSD
4
5
6
µA
TOTAL DEVICE SECTION
IOP
Operating Supply Current (control part only) VCC ≤ 16V
1.5
3.0
mA
ICH
Start-Up Charging Current
VCC=0V , VSTR=50V
450
550
650
µA
Notes:
6.
Pulse test: Pulse width ≤ 300us, duty ≤ 2%.
7.
These parameters, although guaranteed, are tested in EDS (wafer test) process.
8.
These parameters, although guaranteed, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com