Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 2 Page - ON Semiconductor

  FSQ211 Datasheet HTML 1Page - ON Semiconductor FSQ211 Datasheet HTML 2Page - ON Semiconductor FSQ211 Datasheet HTML 3Page - ON Semiconductor FSQ211 Datasheet HTML 4Page - ON Semiconductor FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
April 2007
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
FSQ211
Green Mode Fairchild Power Switch (FPS
TM)
Features
Internal Avalanche-Rugged SenseFET
Precision Fixed Operating Frequency (67KHz)
Burst-Mode Operation
Internal Start-up Circuit
Pulse-by-Pulse Current Limiting
Overload Protection (OLP)
Internal Thermal Shutdown Function (TSD)
Auto-Restart Mode
Under-Voltage Lockout (UVLO) with Hysteresis
Built-in Soft-Start
Secondary-Side Regulation
Applications
Charger & Adapter for Mobile Phone, PDA, & MP3
Auxiliary Power for White Goods, PC, C-TV, &
Monitor
Related Application Notes
AN-4137 Design Guidelines for Off-line Flyback
Converters using FPS™
AN-4141 Troubleshooting and Design Tips for
Fairchild Power Switch (FPS™) Flyback Applications
AN-4147 Design Guidelines for RCD Snubber of
Flyback
AN-4134Design Guidelines for Off-line Forward
Converters using FPS™
AN-4138Design Considerations for Battery Charger
Using Green Mode Fairchild Power Switch (FPS™)
Description
The FSQ211 consists of an integrated Pulse Width
Modulator (PWM) and SenseFET, specifically designed
for high-performance, off-line Switch Mode Power
Supplies (SMPS) with minimal external components.
This device is an integrated high-voltage power
switching regulator that combines a VDMOS SenseFET
with a voltage mode PWM control block. The integrated
PWM controller features include a fixed oscillator, Under
Voltage Lockout (UVLO) protection, Leading Edge
Blanking (LEB), an optimized gate turn-on/turn-off
driver, Thermal Shutdown (TSD) protection, and
temperature compensated precision-current sources for
loop compensation and fault protection circuitry.
When compared to a discrete MOSFET and controller or
RCC switching converter solution, the FSQ211 device
reduces total component count and design size and
weight, while increasing efficiency, productivity, and
system reliability. This device provides a basic platform
well suited for cost-effective flyback converters.
Ordering Information
Part Number
Package
Top Mark
BVDSS
fOSC
RDS(ON)
FSQ211
8DIP
Q211
650V
67KHz
18Ω
FSQ211L
8LSOP
Q211L
650V
67KHz
18Ω
FPS
TM is a trademark of Fairchild Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com