Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 5 Page - ON Semiconductor

  FSQ211 Datasheet HTML 1Page - ON Semiconductor FSQ211 Datasheet HTML 2Page - ON Semiconductor FSQ211 Datasheet HTML 3Page - ON Semiconductor FSQ211 Datasheet HTML 4Page - ON Semiconductor FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
VDRAIN
Drain Pin Voltage
650
V
VSTR
Vstr Pin Voltage
650
V
VDG
Drain-Gate Voltage
650
V
VGS
Gate-Source Voltage
±
20
V
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
-0.3 to VSTOP
V
PD
Total Power Dissipation
1.40
W
TJ
Operating Junction Temperature
Internally limited
°C
TA
Operating Ambient Temperature
-25 to +85
°C
TSTG
Storage Temperature
-55 to +150
°C
Notes:
1.
Repetitive rating: Pulse width is limited by maximum junction temperature.
2.
L = 24mH, starting TJ = 25°C.
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
8DIP
θJA
Junction-to-Ambient Thermal Impedance
(3)
89
°C/W
θJC
Junction-to-Case Thermal Impedance
(4)
14
°C/W
Notes:
3.
Free standing with no heatsink; without copper clad. Measurement condition – Just before junction temperature
TJ enters into OTP.
4.
Measured on the DRAIN pin close to plastic interface.
5.
All items are tested with the JEDEC standards: JESD 51-2 and 51-10 (DIP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com