Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ211 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSQ211
Description  Green Mode Fairchild Power Switch (FPSTM)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ211 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSQ211 Datasheet HTML 5Page - ON Semiconductor FSQ211 Datasheet HTML 6Page - ON Semiconductor FSQ211 Datasheet HTML 7Page - ON Semiconductor FSQ211 Datasheet HTML 8Page - ON Semiconductor FSQ211 Datasheet HTML 9Page - ON Semiconductor FSQ211 Datasheet HTML 10Page - ON Semiconductor FSQ211 Datasheet HTML 11Page - ON Semiconductor FSQ211 Datasheet HTML 12Page - ON Semiconductor FSQ211 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ211 Rev. 1.0.0
9
4.1 Overload Protection (OLP):
Overload is defined as
the load current exceeding a pre-set level due to an
unexpected event. In this situation, the protection circuit
should be activated to protect the SMPS. However,
even when the SMPS is operating normally, the over-
load protection (OLP) circuit can be activated during the
load transition. To avoid this undesired operation, the
OLP circuit is designed to be activated after a specified
time to determine whether it is a transient situation or an
overload situation. If the output consumes more than the
maximum power determined by ILIM, the output voltage
(VO) decreases below its rating voltage. This reduces
the current through the opto-coupler LED, which also
reduces the opto-coupler transistor current, thus
increasing the feedback voltage (VFB). If VFB exceeds
3V, the feedback input diode is blocked and the 5µA
current source (IDELAY) starts to charge CFB slowly up to
VCC. In this condition, VFB increases until it reaches
4.5V, when the switching operation is terminated, as
shown in Figure 18. Shutdown delay is the time required
to charge CFB from 3V to 4.5V with 5µA current source.
VFB
t
3V
4.5V
Overload Protection
t12=CFB×(V(t2)-V(t1)) / IDELAY
t1
t2
V
t
V
V
t
V
A
I
I
t
V
t
V
C
t
DELAY
DELAY
FB
5
.
4
)
(
,
3
)
(
,
5
;
)
(
)
(
2
1
1
2
12
=
=
=
•
=m
Figure 18. Overload Protection (OLP)
4.2 Thermal Shutdown (TSD):
The SenseFET and the
control IC are integrated, making it easier for the control
IC to detect the temperature of the SenseFET. When
the temperature exceeds approximately 145
°C, thermal
shutdown is activated.
5. Soft-Start:
The FPS has an internal soft-start circuit
that slowly increases the feedback voltage, together with
the SenseFET current, right after it starts up. The typical
soft-start time is 15ms, as shown in Figure 19, where
progressive increment of the SenseFET current is
allowed during the start-up phase. Soft-start circuit
progressively increases current limits to establish proper
working
conditions
for
transformers,
inductors,
capacitors, and switching device. It also helps prevent
transformer saturation and reduces the stress on the
secondary diode.
2.14ms
7steps
ILIM
t
Drain current
Figure 19. Internal Soft-Start
6. Burst Operation:
To minimize the power dissipation
in standby mode, the FSQ211 enters burst mode
operation. As the load decreases, the feedback voltage
decreases. The device automatically enters burst mode
when the feedback voltage drops below VBURL (0.55V).
At this point, switching stops and the output voltages
start to drop. This causes the feedback voltage to rise.
Once is passes VBURH (0.70V), switching starts again.
The feedback voltage falls and the process repeats.
Burst mode operation alternately enables and disables
switching of the power MOSFET to reduce the switching
loss in the standby mode.
OSC
4
Vfb
S
R
Q
GATE
DR IVE R
5µA
400µA
0.70V
/0.55V
on/off
Burst Operation Block
Figure 20. Burst Operation Block
V
FB
Vds
0.55V
0.7V
Ids
Vo
Vo
set
t
Figure 21. Burst Operation Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com