Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 40Page - STMicroelectronics TDA7491HV Datasheet HTML 41Page - STMicroelectronics TDA7491HV Datasheet HTML 42Page - STMicroelectronics TDA7491HV Datasheet HTML 43Page - STMicroelectronics TDA7491HV Datasheet HTML 44Page - STMicroelectronics TDA7491HV Datasheet HTML 45Page - STMicroelectronics TDA7491HV Datasheet HTML 46Page - STMicroelectronics TDA7491HV Datasheet HTML 47Page - STMicroelectronics TDA7491HV Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
02-Jul-2008
1
Initial release.
03-Oct-2008
2
Updated AMR table
Updated Chapter 4: Characterization curves on page 12
Added Figure 48: Test board (TDA7491HV) layout on page 29
Updated Figure 49: PowerSSO-36 EPD outline drawing on page 30 and Table 6:
PowerSSO-36 EPD dimensions on page 31
Updated Figure 50: Applications circuit for class-D amplifier on page 32
29-Jun-2009
3
Updated text concerning oscillator R and C in Section 3.3: Electrical specifications on
page 10
Updated VOVP minimum value, added VUVP maximum value, updated STBY and MUTE
voltages in Table 5: Electrical specifications on page 10
Updated equation for fSW Table 5 on page 10
Updated Figure 50: Applications circuit for class-D amplifier on page 32
03-Sep-2009
4
Added text for exposed pad in Figure 2 on page 8
Added text for exposed pad in Table 2 on page 9
Updated exposed pad Y (Min) dimension in Table 6 on page 31
Updated supply voltage for pin DIAG pull-up resistor in Section 7.8 on page 40.
24-Mar-2011
5
Updated Features
Updated Section 3: Electrical specifications
Removed filter less operation
Extended the temperature range to -40 to +85°C.
12Sep-2011
6
Updated OUTNA in Table 2: Pin description list
20-Feb-2014
7
Updated order code Table 1 on page 1
04-Jul-2018
8
Added PowerSSO-36 EPU silhouette in cover page, Section 2.3 Pinout (EPU), Section
2.4 Pin list (EPU) and Section 9.2 PowerSSO-36 with exposed pad up.
05-Oct-2018
9
Updated product summary table in cover page.
23-Feb-2021
10
Updated Figure 2. Pin connections (top view) , Section 2.3 Pinout (EPU), Table 2. Pin
description list.
TDA7491HV
DS5624 - Rev 10
page 44/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com