Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 42Page - STMicroelectronics TDA7491HV Datasheet HTML 43Page - STMicroelectronics TDA7491HV Datasheet HTML 44Page - STMicroelectronics TDA7491HV Datasheet HTML 45Page - STMicroelectronics TDA7491HV Datasheet HTML 46Page - STMicroelectronics TDA7491HV Datasheet HTML 47Page - STMicroelectronics TDA7491HV Datasheet HTML 48Page - STMicroelectronics TDA7491HV Datasheet HTML 49Page - STMicroelectronics TDA7491HV Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Figure 53.
Device input circuit and frequency response ............................................... 35
Figure 54.
Master and slave connection ......................................................... 36
Figure 55.
Unipolar PWM output .............................................................. 37
Figure 56.
Typical LC filter for an 8 Ω speaker ..................................................... 37
Figure 57.
Typical LC filter for an 4 Ω speaker ..................................................... 38
Figure 58.
Behavior of pin DIAG for various protection conditions ........................................ 38
Figure 59.
Power derating curves for PCB used as heatsink ........................................... 39
Figure 60.
PowerSSO-36 EPD package outline .................................................... 40
Figure 61.
PowerSSO-36 EPU package outline .................................................... 42
TDA7491HV
List of figures
DS5624 - Rev 10
page 49/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com