Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 37Page - STMicroelectronics TDA7491HV Datasheet HTML 38Page - STMicroelectronics TDA7491HV Datasheet HTML 39Page - STMicroelectronics TDA7491HV Datasheet HTML 40Page - STMicroelectronics TDA7491HV Datasheet HTML 41Page - STMicroelectronics TDA7491HV Datasheet HTML 42Page - STMicroelectronics TDA7491HV Datasheet HTML 43Page - STMicroelectronics TDA7491HV Datasheet HTML 44Page - STMicroelectronics TDA7491HV Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
Symbol
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
A2
2.15
2.40
0.085
0.094
a1
0.00
0.10
0.000
0.004
b
0.18
0.36
0.007
0.014
c
0.23
0.32
0.009
0.013
D
10.10
10.50
0.398
0.413
E
7.40
7.60
0.291
0.299
e
0.5
0.020
e3
8.5
0.335
F
2.3
0.091
G
0.10
0.004
H
10.10
10.50
0.398
0.413
h
0.40
0.016
k
0
8 degrees
0
8 degrees
L
0.60
1.00
0.024
0.039
M
4.30
0.169
N
10 degrees
10 degrees
O
1.20
0.047
Q
0.80
0.031
S
2.90
0.114
T
3.65
0.144
U
1.00
0.039
X
4.10
4.70
0.161
0.185
Y
4.90
7.10
0.193
0.280
TDA7491HV
PowerSSO-36 EPD
DS5624 - Rev 10
page 41/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com