Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 42Page - STMicroelectronics TDA7491HV Datasheet HTML 43Page - STMicroelectronics TDA7491HV Datasheet HTML 44Page - STMicroelectronics TDA7491HV Datasheet HTML 45Page - STMicroelectronics TDA7491HV Datasheet HTML 46Page - STMicroelectronics TDA7491HV Datasheet HTML 47Page - STMicroelectronics TDA7491HV Datasheet HTML 48Page - STMicroelectronics TDA7491HV Datasheet HTML 49Page - STMicroelectronics TDA7491HV Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
List of figures
Figure 1.
Internal block diagram (showing one channel only) ........................................... 2
Figure 2.
Pin connections (top view) ........................................................... 3
Figure 3.
Pin connections (top view) ........................................................... 5
Figure 4.
Output power vs. supply voltage ....................................................... 10
Figure 5.
THD vs. output power (1 kHz)......................................................... 10
Figure 6.
THD vs. output power (100 Hz)........................................................ 11
Figure 7.
THD vs. frequency ................................................................ 11
Figure 8.
Frequency response ............................................................... 12
Figure 9.
Crosstalk vs. frequency ............................................................. 12
Figure 10.
FFT performance (0 dB) ............................................................ 12
Figure 11.
FFT performance (-60 dB) ........................................................... 13
Figure 12.
Power supply rejection ratio vs. frequency ................................................ 13
Figure 13.
Power dissipation and efficiency vs. output power ........................................... 13
Figure 14.
Closed-loop gain vs. frequency ........................................................ 14
Figure 15.
Current consumption vs. voltage on pin MUTE ............................................. 14
Figure 16.
Attenuation vs. voltage on pin MUTE .................................................... 14
Figure 17.
Current consumption vs. voltage on pin STBY ............................................. 15
Figure 18.
Attenuation vs. voltage on pin STBY .................................................... 15
Figure 19.
Output power vs. supply voltage ....................................................... 16
Figure 20.
THD vs. output power (1 kHz)......................................................... 16
Figure 21.
THD vs. output power (100 Hz)........................................................ 17
Figure 22.
THD vs. frequency ................................................................ 17
Figure 23.
Frequency response ............................................................... 18
Figure 24.
Crosstalk vs. frequency ............................................................. 18
Figure 25.
FFT performance (0 dB) ............................................................ 19
Figure 26.
FFT performance (-60 dB) ........................................................... 19
Figure 27.
Power supply rejection ratio vs. frequency ................................................ 20
Figure 28.
Power dissipation and efficiency vs. output power ........................................... 20
Figure 29.
Closed-loop gain vs. frequency ........................................................ 20
Figure 30.
Current consumption vs. voltage on pin MUTE ............................................. 21
Figure 31.
Attenuation vs. voltage on pin MUTE .................................................... 21
Figure 32.
Current consumption vs. voltage on pin STBY ............................................. 22
Figure 33.
Attenuation vs. voltage on pin STBY .................................................... 22
Figure 34.
Output power vs. supply voltage ....................................................... 23
Figure 35.
THD vs. output power (1 kHz)......................................................... 23
Figure 36.
THD vs. output power (100 Hz)........................................................ 24
Figure 37.
THD vs. frequency ................................................................ 24
Figure 38.
Frequency response ............................................................... 25
Figure 39.
Crosstalk vs. frequency ............................................................. 25
Figure 40.
FFT performance (0 dB) ............................................................ 26
Figure 41.
FFT performance (-60 dB) ........................................................... 26
Figure 42.
Power supply rejection ratio vs. frequency ................................................ 27
Figure 43.
Power dissipation and efficiency vs. output power ........................................... 27
Figure 44.
Closed-loop gain vs. frequency ........................................................ 28
Figure 45.
Current consumption vs. voltage on pin MUTE ............................................. 28
Figure 46.
Attenuation vs. voltage on pin MUTE .................................................... 29
Figure 47.
Current consumption vs. voltage on pin STBY ............................................. 29
Figure 48.
Attenuation vs. voltage on pin STBY .................................................... 30
Figure 49.
Test board (TDA7491HV) layout ....................................................... 31
Figure 50.
Application circuit for class-D amplifier ................................................... 32
Figure 51.
Standby and mute circuits ........................................................... 33
Figure 52.
Turn-on/off sequence for minimizing speaker “pop” .......................................... 34
TDA7491HV
List of figures
DS5624 - Rev 10
page 48/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com