Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 32Page - STMicroelectronics TDA7491HV Datasheet HTML 33Page - STMicroelectronics TDA7491HV Datasheet HTML 34Page - STMicroelectronics TDA7491HV Datasheet HTML 35Page - STMicroelectronics TDA7491HV Datasheet HTML 36Page - STMicroelectronics TDA7491HV Datasheet HTML 37Page - STMicroelectronics TDA7491HV Datasheet HTML 38Page - STMicroelectronics TDA7491HV Datasheet HTML 39Page - STMicroelectronics TDA7491HV Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
8.4.2
Slave mode (external clock)
In order to accept an external clock input the pin ROSC must be left open, that is, floating. This forces pin
SYNCLK to be internally configured as an input as given in table below.
The output switching frequency of the slave devices is:
fSW = fSYNCLK / 2
Table 8. How to set up SYNCLK
Mode
ROSC
SYNCLK
Master
ROSC < 60 kΩ
Output
Slave
Floating (not connected)
Input
Figure 54. Master and slave connection
SYNCLK
ROSC
Rosc
Cosc
ROSC
SYNCLK
39 k
100 nF
Output
Input
e
v
a
l
S
r
e
t
s
a
M
TDA7491HV
TDA7491HV
8.5
Modulation
The output modulation scheme of the BTL is called unipolar pulse width modulation (PWM).
The differential output voltages change between 0 V and +VCC and between 0 V and -VCC.
This is in contrast to the traditional bipolar PWM outputs which change between +VCC
and -VCC. An advantage of this scheme is that it effectively doubles the switching frequency of the differential
output waveform on the load then reducing the current ripple accordingly. The OUTP and OUTN are in the same
phase almost overlapped when the input is zero under this condition, then the switching current is low and the
related losses in the load are low.
In practice, a short delay is introduced between these two outputs in order to avoid the BTL output switching
simultaneously when the input is zero.
Figure below shows the resulting differential output voltage and current when a positive, zero and negative input
signal is applied. The resulting differential voltage on the load has a double frequency with respect to outputs
OUTP and OUTN, resulting in reduced current ripple.
TDA7491HV
Modulation
DS5624 - Rev 10
page 36/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com