Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491HV Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 13Page - STMicroelectronics TDA7491HV Datasheet HTML 14Page - STMicroelectronics TDA7491HV Datasheet HTML 15Page - STMicroelectronics TDA7491HV Datasheet HTML 16Page - STMicroelectronics TDA7491HV Datasheet HTML 17Page - STMicroelectronics TDA7491HV Datasheet HTML 18Page - STMicroelectronics TDA7491HV Datasheet HTML 19Page - STMicroelectronics TDA7491HV Datasheet HTML 20Page - STMicroelectronics TDA7491HV Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Figure 21. THD vs. output power (100 Hz)
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
20
500m
1
2
5
10
Test Condition:
Vcc =16V,
RL = 6 ohm,
Rosc =39k , Cosc =100nF,
f =100Hz,
Gv =30dB,
Tamb =25
Specification Limit:
Typical:
20W @ THD =10%
Figure 22. THD vs. frequency
THD (%)
Frequency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
20
20k
50
100
200
500
1k
2k
5k
10k
Test Condition:
Vcc =16V,
RL= 6 ohm,
Ros c=39k , Cosc =100nF,
f =1kHz,
Gv =30dB,
Po =1W
Tamb =25
Specification Limit:
Typical: THD<0.5%
TDA7491HV
6 Ω loads at VCC = 16 V
DS5624 - Rev 10
page 17/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com