Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300AH7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5300AH7 Datasheet HTML 4Page - STMicroelectronics L5300AH7 Datasheet HTML 5Page - STMicroelectronics L5300AH7 Datasheet HTML 6Page - STMicroelectronics L5300AH7 Datasheet HTML 7Page - STMicroelectronics L5300AH7 Datasheet HTML 8Page - STMicroelectronics L5300AH7 Datasheet HTML 9Page - STMicroelectronics L5300AH7 Datasheet HTML 10Page - STMicroelectronics L5300AH7 Datasheet HTML 11Page - STMicroelectronics L5300AH7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical specifications
L5300AH7
8/24
DS6143 Rev 13
2.3
Electrical characteristics
Values specified in this section are for VS = 5.6 V to 31 V, Tj = -40 °C to 150 °C, unless
otherwise stated.
Table 5. General
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vo
Vo_ref
Output voltage
VS = 8 to 18 V
IO = 8 to 300 mA
4.9
5.0
5.1
V
Vo
Vo_ref
Output voltage
VS = 5.6 to 31 V
IO = 8 to 300 mA
4.85
5.0
5.15
V
Vo
Vo_ref
Output voltage
VS = 5.6 to 31 V
IO = 0.1 mA to 8 mA
4.75
5.0
5.25
V
Vo
Ishort
Short circuit current
VS = 13.5 V
0.8
1.8
2.6
A
Vo
Ilim
Output current limitation(1)
1.
Measured output current when the output voltage has dropped 100 mV from its nominal value obtained at
13.5 V and Io = 75 mA.
VS = 13.5 V
0.6
1.6
2.5
A
VS, Vo
Vline
Line regulation voltage
VS = 6 V to 28 V
IO = 50 mA
40
mV
Vo
Vload
Load regulation voltage
VS = 13.5 V
IO = 8 mA to 300 mA
Tj = 25 °C
40
mV
VS = 8 V to 18 V
IO = 8 mA to 300 mA
55
mV
VS, Vo
Vdp
Drop voltage(2)
IO = 300 mA
500
mV
VS, Vo
SVR
Ripple rejection
fr = 100 Hz
(3)
60
dB
Vo
Ioth_H
Normal consumption
mode output current
8mA
Vo
Ioth_L
Very low consumption
mode output current
1.1
mA
Vo
Ioth_Hyst
Output current switching
threshold hysteresis
VS = 13.5 V,
Tj = 25 °C
0.8
mA
VS, Vo
Iqs
Current consumption with
regulator disabled
Iqs = IVs – IO
VS = 13.5 V,
En = low
510
µA
VS, Vo
Iqn_1
Current consumption with
regulator enabled
Iqn_1 = IVs – IO
VS = 13.5 V,
IO < 1 mA,
En = high
55
80
µA
VS, Vo
Iqn_300
Current consumption with
regulator enabled
Iqn_300 = IVs – IO
VS = 13.5 V,
IO = 300 mA,
En = high
34.2
mA
—Tw
Thermal protection
temperature
150
190
°C
—Tw_hy
Thermal protection
temperature hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com