Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300AH7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5300AH7 Datasheet HTML 5Page - STMicroelectronics L5300AH7 Datasheet HTML 6Page - STMicroelectronics L5300AH7 Datasheet HTML 7Page - STMicroelectronics L5300AH7 Datasheet HTML 8Page - STMicroelectronics L5300AH7 Datasheet HTML 9Page - STMicroelectronics L5300AH7 Datasheet HTML 10Page - STMicroelectronics L5300AH7 Datasheet HTML 11Page - STMicroelectronics L5300AH7 Datasheet HTML 12Page - STMicroelectronics L5300AH7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS6143 Rev 13
9/24
L5300AH7
Electrical specifications
23
2.
VS - Vo measured dropout when the output voltage has dropped 100 mV from its nominal value obtained at
13.5 V and Io = 75 mA.
3.
Guaranteed by design
Table 6. Reset
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Res
VRes_l
Reset output low voltage
Rext = 5 k 
Vo > 1 V
0.4
V
Res
IRes_lkg
Reset output high leakage
current
VRes = Vo
1µA
Res
RRes
Pull up internal resistance
Versus Vo
10
20
40
k
Res
Vo_th
Vo out of regulation
threshold
Vo decreasing
6%
8%
10%
Below
Vo_ref
Vcr
VRlth
Reset timing low threshold
VS = 13.5 V
16%
19%
22%
Vo_ref
Vcr
VRhth
Reset timing high threshold
VS =13.5 V
47%
50%
53%
Vo_ref
Vcr
Icr
Charge current
VS = 13.5 V
10
20
30
µA
Vcr
Idr
Discharge current
VS = 13.5 V
10
20
30
µA
Res
Trr
Reset reaction time
Vo = Vo_th - 100 mV
2
µs
Res
Trd
Reset delay time
VS = 13.5 V, 
Ctr = 1 nF
24
6
ms
Table 7. Enable
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
En
VEn_low
En input low voltage
1
V
En
VEn_high
En input high voltage
3
V
En
VEn_hyst
En input hysteresis
500
mV
En
I_leak
Pull down current
VEn = 5 V
3
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com