Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300AH7 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L5300AH7 Datasheet HTML 16Page - STMicroelectronics L5300AH7 Datasheet HTML 17Page - STMicroelectronics L5300AH7 Datasheet HTML 18Page - STMicroelectronics L5300AH7 Datasheet HTML 19Page - STMicroelectronics L5300AH7 Datasheet HTML 20Page - STMicroelectronics L5300AH7 Datasheet HTML 21Page - STMicroelectronics L5300AH7 Datasheet HTML 22Page - STMicroelectronics L5300AH7 Datasheet HTML 23Page - STMicroelectronics L5300AH7 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DS6143 Rev 13
23/24
L5300AH7
Revision history
23
09-Mar-2011
8
Updated following tables:
Table 2: Pins description:
– Updated pins sequence
Table 3: Absolute maximum ratings:
–Isdc: changed symbol from IVsdc
–Iodc: changed symbol from IVodc
Table 5: General:
–Ishort: changed min/typ/max value
–Ilim: changed min/typ/max value, changed parameter
–Vline: changed test condition
–Iqn_300: changed typ value
– Updated tablefootnote
Table 6: Reset:
–VRes_l: changed test condition
–VRes_lkg: added test condition
Table 7: Enable:
–Ileak: changed typ value
Updated Section 3.2: Reset
18-Nov-2011
9
Table 9: HPAK mechanical data:
– b: updated values
26-Jan-2012
10
Updated Figure 22: Stability region on page 15.
07-Feb-2012
11
Modified Figure 22: Stability region on page 15.
13-Sep-2013
12
Updated disclaimer.
21-Sep-2018
13
Updated template.
Updated title and Features.
Table 10. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com