Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300AH7 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5300AH7 Datasheet HTML 12Page - STMicroelectronics L5300AH7 Datasheet HTML 13Page - STMicroelectronics L5300AH7 Datasheet HTML 14Page - STMicroelectronics L5300AH7 Datasheet HTML 15Page - STMicroelectronics L5300AH7 Datasheet HTML 16Page - STMicroelectronics L5300AH7 Datasheet HTML 17Page - STMicroelectronics L5300AH7 Datasheet HTML 18Page - STMicroelectronics L5300AH7 Datasheet HTML 19Page - STMicroelectronics L5300AH7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application information
L5300AH7
16/24
DS6143 Rev 13
3.2
Reset
The reset circuit monitors the output voltage Vo. If the output voltage becomes lower than
Vo_th then Res goes low with a delay time (trr). When the output voltage becomes higher than
Vo_th then Res goes high with a delay time Trd. This delay is obtained by 512 periods of
oscillator. The oscillator period is given by:
Equation 1
Tosc = [(VRhth-VRlth) x Ctr] / Icr + [(VRhth-VRlth) x Ctr] / Idr
and reset pulse delay Trd is given by:
Equation 2
trd = 32 x Tosc
Where:
Icr = 20 µA is an internally generated charge current,
Idr = 20 µA is an internally generated discharge current,
VRhth = 2.5V (typ) and VRlth = 0.95V (typ) are two voltage thresholds,
Ctr is an external capacitor put between Vcr pin and GND.
Figure 24.Reset time diagram
3.3
Enable
L5300AH7 is also provided by an enable input, a high signal switches the regulator ON. In
standby mode the output is disabled and the current consumption of the device (quiescent
current) is less than 10 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com