Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 44Page - STMicroelectronics L5965 Datasheet HTML 45Page - STMicroelectronics L5965 Datasheet HTML 46Page - STMicroelectronics L5965 Datasheet HTML 47Page - STMicroelectronics L5965 Datasheet HTML 48Page - STMicroelectronics L5965 Datasheet HTML 49Page - STMicroelectronics L5965 Datasheet HTML 50Page - STMicroelectronics L5965 Datasheet HTML 51Page - STMicroelectronics L5965 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
6.1
Shutdown mode
In Shutdown Mode supply batteries (VBAT1/VBAT2/VINx) are not present and all regulators are OFF.
A rising edge on VBAT1 line (higher than Power On Reset threshold) moves L5965 to STANDBY Mode, if the
PMIC has been programmed. Otherwise the L5965 moves to OTP programming mode.
6.2
Standby mode
In Standby mode, all the regulators are OFF, RESET_B is asserted and current consumption is very low. A low to
high transition on WKUP pin moves the IC to INIT Mode. If VBAT1 falls below POR threshold, the device goes
back to Shutdown Mode.
6.3
INIT mode
In INIT mode all the functional checks on analog and digital circuitry are performed:
OTP program checksum: data integrity is verified and OTP WR bit is checked
Analog BIST on Voltage monitors (UV/OV)
Analog BIST on Temperature monitors
RESET_B assertion and path is checked
LBIST (Digital BIST)
Check if main VBAT is ok
The operative range of the Analog BIST on Temperature monitor reaches up to 125 °C.
Main regulator GND LOSS comparator is active.
LBIST is always active, not only in INIT mode. In INIT mode, in case of issues during LBIST, the IC moves to
REC mode. Outside INIT mode, in case of issues during LBIST, the FAULT pin is asserted, and in case of Buck
State Machine check error, also the REC mode is entered.
Besides, LBIST includes:
1.
Buck clock generation check;
2.
Logic diagnostics;
3.
Main State Machine check.
If all the checks are completed without any fail, L5965 moves to RAMPUP mode. In case of fail, the device moves
from INIT to REC state and the FAULT pin is asserted. A transition (High to Low) on WKUP moves the state
machine back to STBY, where the FAULT pin is de-asserted.
6.4
REC mode
L5965 goes to REC mode (recovery state) in case the Main Regulator or a regulator associated with the reset
activation fails. When the IC moves from active to stand-by state, the power down phase is activated. When the
IC moves from the active to REC state, all regulators switch off at the same time.
In this state, the FAULT pin is asserted and RESET_B is kept low. There are 2 ways to move the device out of
REC:
1.
A transition High to Low on WKUP pin moves the IC back to STANDBY, where the FAULT pin is de-asserted.
2.
If WKUP pin is kept High for a time longer than Twk_rec and the IC goes in REC mode less than a number
of times (3 times if inf_retrial_en = 0, infinite times if inf_retrial_en = 1), then the device moves from REC to
INIT and restarts again.
When the chip enters the REC mode, the IC is switched off. The outputs of the SMPS decrease slowly in order to
be ready for next power up phase. The outputs of the SMPS are pulled down to 0 V by an inner pull-down current.
The pull-down current of each regulator is typically 12 mA.
6.5
RAMPUP MAIN and SEC_UP
In RAMPUP MAIN status, the main regulator (selected by OTP bit) is turned on: when this phase ends, the state
machine moves to SEC_UP status where all secondary regulators are turned ON following the Power Up
sequence programmed by OTP. When the last regulator has finished its power up phase, the device moves to
ACTIVE Mode, where the SPI communication is allowed: all regulators that have to be turned on by SPI
command can now be enabled.
WKUP pin is not monitored in these transition phases.
Reset signal release is programmed via OTP: three OTP bits associate the reset signal to a regulator.
L5965
Shutdown mode
DS12567 - Rev 3
page 48/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com