Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 56Page - STMicroelectronics L5965 Datasheet HTML 57Page - STMicroelectronics L5965 Datasheet HTML 58Page - STMicroelectronics L5965 Datasheet HTML 59Page - STMicroelectronics L5965 Datasheet HTML 60Page - STMicroelectronics L5965 Datasheet HTML 61Page - STMicroelectronics L5965 Datasheet HTML 62Page - STMicroelectronics L5965 Datasheet HTML 63Page - STMicroelectronics L5965 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
6.9.3
SAF_REG_DI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CRC CODE
SAF_DIN
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x32
[15:13] CRC_CODE: the CRC checksum for SAF din. These bits can be set to '000' in SAF_REG_DI word,
since they are read only.
[12:0] SAF_DIN: SAF writing data; (for burning).
Note: The CRC_CODE is only readable and is generated automatically by HW; This register is only
accessible in OTP program mode.
6.9.4
SAF_REG_D0_Bit_Ts
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CRC CODE
SAF_BIT_TS
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x33
[15:13] CRC CODE: CRC checksum for SAF din.
[12:0] SAF_BIT_TS: read data from SAF bit_ts port, 3 state bus.
Note: The register will return the data from SAF_BIT_TS bus after the SAF read command.
L5965
OTP (SAF) registers
DS12567 - Rev 3
page 60/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com