Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 15Page - STMicroelectronics L5965 Datasheet HTML 16Page - STMicroelectronics L5965 Datasheet HTML 17Page - STMicroelectronics L5965 Datasheet HTML 18Page - STMicroelectronics L5965 Datasheet HTML 19Page - STMicroelectronics L5965 Datasheet HTML 20Page - STMicroelectronics L5965 Datasheet HTML 21Page - STMicroelectronics L5965 Datasheet HTML 22Page - STMicroelectronics L5965 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Figure 9. Pre regulator BUCK1
PGND1
GL1
Sensen/p
COMP1
VREG
VREG
BST1
VBAT1
GH1
PH1
Rsense
VBUCK1
GAPG2206151644PS
In dropout operation the external high-side MOSFET is kept always on; every fourth clock cycle it has to be turned
off for 180ns to recharge bootstrap capacitor. This allows a maximum duty cycle of 98%.
BUCK1 controller provides the following diagnostic:
Monitor of the output voltage is monitored by an independent circuit for UV/OV detection: thresholds are
set via SPI.
Monitor of the Power Good thresholds: are set via SPI (at 5/10% of VBUCK1) and the status is provided via
SPI bit.
Over Current Protection via current sense amplifier.
Over Temperature detection by a local thermal sensor.
PGND1 loss detection.
If BUCK1 is set as Main BUCK pre-regulator:
If a UV/OV fault occurs, then Fault pin is asserted and the corresponding fault bit is set inside the SPI
register, where can be read and cleared. RESET_B is always asserted in case of UV. In case of OV, it is
possible to enable or disable the reset for all regulators together by OTP. The reset moves the device to
REC state.
If OT occurs, the power stage is switched OFF with a 16 µs filter time. The output decreases until UV is
detected. The regulator goes in REC state and can restart only when OT flag is reset. The corresponding
SPI bit is set and FAULT pin is asserted.
The over current limitation is a cycle by cycle protection: when the fault happens, the corresponding fault
bit (Buck_OC_STAT) is set in the SPI register. This bit doesn't change the regulator behavior. If the fault
happens for 7 consequent cycles, the FAULT pin is asserted (latched).
If PGND1 ground loss occurs, all regulators are turned OFF, FAULT and RESET_B pins are asserted and
device goes back to REC state. Until the fault is present, any tentative of turning on the regulator is
ignored.
If BUCK1 is set as BUCK post-regulator we have the same behavior as above, except that:
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 19/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com