Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5965 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5965 Datasheet HTML 5Page - STMicroelectronics L5965 Datasheet HTML 6Page - STMicroelectronics L5965 Datasheet HTML 7Page - STMicroelectronics L5965 Datasheet HTML 8Page - STMicroelectronics L5965 Datasheet HTML 9Page - STMicroelectronics L5965 Datasheet HTML 10Page - STMicroelectronics L5965 Datasheet HTML 11Page - STMicroelectronics L5965 Datasheet HTML 12Page - STMicroelectronics L5965 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power on reset
VPOR_R
VBAT1 threshold
VBAT1 rising
3
3.4
3.8
V
VPOR_F
VBAT1 threshold
VBAT1 falling
2.8
3.2
3.6
V
Oscillator
fosc
Oscillator frequency
-
4.08
4.8
5.52
MHz
fIN
Input frequency at SYNCIN pin
-
1.8
-
2.76
MHz
VHSYNC
SYNCIN high threshold
-
2.1
-
-
V
VLSYNC
SYNCIN low threshold
-
-
-
1
V
VREG
VVREG
BUCK1 gate driver inner
regulated supply
IVREG= 0 mA~50 mA, EXTSUP = 6.3~12 V
5.8
6.0
6.2
V
VEXTSUP_TH
Switch over threshold
IVREG = 5 mA~50 mA, EXTSUP rising, in
ACTIVE mode
-
4.7
-
V
VEXTSUP_HYS
Switch over hysteresis
-
0.2
-
V
VDROP_VREG
Drop out voltage at VREG
Iload = 50 mA, supplied by VBAT1
-
-
0.25
V
Iload = 50 mA, supplied by EXTSUP
-
-
0.4
V
ILIM_REG
VREG current limitation
Supplied by VBAT1/EXTSUP
60
85
-
mA
CVREG
Capacitive load
-
2.2
-
µF
VREG_OK
VREG under voltage threshold
VREG rising
-
4
-
V
VREG_OK
VREG under voltage threshold
Hysteresis
-
0.26
-
V
BUCK1
VIN_BUCK1
Input voltage range
4
-
32
V
VOUT_BUCK1
Output voltage
(> 200 mA, static)
OTP = 000; VIN_BUCK1 > 6.2 V
-2.5%
5.0
+2.5%
V
OTP = 001; VIN_BUCK1 > 4.5 V
3.8
V
OTP = 010
3.3
V
OTP = 011
1.8
V
OTP = 100
1.2
V
OTP = 101
1.1
V
OTP = 110
1.0
V
OTP = 111
0.8
V
Vsense
Cycle by cycle current limitation
sense voltage
-
-
80
-
mV
FSW_BUCK1
Switching frequency
-
340
400
460
kHz
Fspread_BUCK1
Spread spectrum range
Fsw = 400 kHz
-20
-
20
%
tprogramming_dead_BUCK1
Dead time (Blanktime: non-
overlap time plus programming
time)
SPI = 000 default
-
50
-
ns
SPI = 001
-
40
-
ns
SPI = 010
-
30
-
ns
SPI = 011
-
0
-
ns
SPI = 100
-
60
-
ns
SPI = 101
-
70
-
ns
SPI = 110
-
100
-
ns
L5965
Electrical characteristics
DS12567 - Rev 3
page 9/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com